Electronic Components Datasheet Search
  English  ▼

X  

AHF21 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AHF21
Description  SMALL, HIGHLY RELIABLE TIP SENSOR CONTAINING A PHOTO SENSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AHF21 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AHF21 Datasheet HTML 1Page - Panasonic Semiconductor AHF21 Datasheet HTML 2Page - Panasonic Semiconductor AHF21 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AHF2
NOTES
• Reverse mounting type
Terminal No. 1
Terminal No. 4
Terminal No. 2
Terminal No. 3
5.1
±0.5
3.1
±0.5
11.5
±0.7
2.6
0.9
PC board
11.9
mm
PC board pattern (Bottom view)
[Internal circuit and applicable circuit]
Terminal No. 4
(Photo transistor: Emitter)
Terminal No. 2
(LED: Cathode)
Terminal No. 3
(Photo transistor: Collector)
Terminal No. 1
(LED: Anode)
11.9
±0.1
3.1
±0.1
5.1
±0.1
1.3 dia.
Terminal No. 1
Terminal No. 4
Tip switch
Terminal No. 2
Terminal No. 3
VCC
VO
R2
R1
IF
(VCC)
1. Handling
1) In the enent that a voltage or current
that exceeds the maximum rating is
applied to, or passed between the
terminals, the photo-transistor will no
longer function normally. In such a case,
do not reuse the photo-transistor but
discard it.
2) Be careful not to apply an excessively
large load to the terminals because this
may damage the photo-transistor.
2. Soldering
1) When soldering by hand, use a 18W
soldering iron that has a temperature
regulator (iron tip temperature must be no
more than 350
°C) and apply the tip to the
joint for no more than 3 seconds.
2) When performing automatic soldering,
ensure that the board does not remain in
the solder bath for more than 10 seconds
at 260
°C, or more than 3 seconds at
350
°C.
3) Be careful not to move the terminals
for one minute after soldering them.
3. Environment
This product is a non-contact type tip
detection switch containing a photo-
interrupter. It is intended for installation in
equipment. Because of the nature of a
semiconductor, if this product is used
continuously for a long period in a high
temperature, low temperature and/or
humid environment, according to the
optic quantities decrease of luminescent
diode output characteristics may be
significantly affected. In such a case, take
suitable measures, such as inserting a
comparator at the output side, to provide
a greater degree of margin with respect
to change in the output characteristics,
and thereby improve the reliability of the
product.
4. Preventing a malfunction
1) The tip sensor uses an internal sphere,
hence chattering occurs if it is subjected
to vibration or shock. To prevent
chattering, continuously read pulses of
30 ms max. using a microprocessor, and
set the microprocessor so that the switch
goes L (ON) or H (OFF) if the output level
exceeds 500 ms continuously. Also, take
steps to keep induction and RF noise
away from the sensor.
2) The switch should be mounted keeping
away from the vibration generator such
as motor. Fix the PC board firmly in order
to prevent resonance with the vibration
generator, or the contact chattering of a
switch may occur by the movement of a
ball inside. The allowable vibration level
which the chattering does not occur
would be less than {0.3G} at 10 to 260Hz
and 320 to 400Hz. The range 260 to
320Hz may have a resonance point and
the level should be less than 0.1G.
5. Others
1) Depending on the circuitry and the
environmental conditions, solder
migration may occur and short a circuit.
Please confirm that the insulation
distance is large enough in the actual
application.
2) To prevent a malfunction, the switch
should be kept away from the direct
sunlight and any other light sources.
3) The noises caused by electrostatics,
surge voltage and inductives may break
the photo-interruptor.
4) The reflow soldering and cleaning are
not allowed.
5) The switch should be mounted with the
tolerance
±3 degree.
6. Confirmations in the actual use.
Each items in this spec sheet was tested
and confirmed independently at a certain
duration. To get a higher reliability of the
equipment, please confirm the switch
quality with the actual load and
environmental conditions before using.
Output of Tip switch
Max. 30 ms
continuous H for 500 ms or more
Judgement of switch
OFF state
Transistor OFF
Transistor ON
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com