Electronic Components Datasheet Search
  English  ▼

X  

AHF21 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AHF21
Description  SMALL, HIGHLY RELIABLE TIP SENSOR CONTAINING A PHOTO SENSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AHF21 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AHF21 Datasheet HTML 1Page - Panasonic Semiconductor AHF21 Datasheet HTML 2Page - Panasonic Semiconductor AHF21 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AHF2
DIMENSIONS
mm
SPECIFICATIONS
Item
Specificaitons
Electrical and mechanical life
Min. 105 (Using the applicable circuit)
At 6 cpm; Opening and closing position: 0 deg.
↔ 90 deg. (The internal shpere must be stationary for at least
500 ms at angles of 0 and 90 deg. respectively.)
Vibration resistance
10 to 400 Hz acceleration 2.9 m/s2 applied for 7 days
5 to 10 Hz at half amplitude of 5 mm, 5
×105 cycles
Shock resistance
588 m/s2 applied 3 times in each of 6 directions
Terminal strength
Min. 9.8 N (each direction)
Dropping individual part
Three times from height of 100 cm
High temperature, high humidity
storage ability
Leave for 500 hours at 85
°C and 85% RH
(No freezing at low temperature)
High temperature storage ability
Leave for 500 hours at 85
°C
Low temperature storage ability
Leave for 500 hours at –25
°C (No freezing at low temperature)
Shock and heat resistance
Subject to 100 cycles each consisting of 30 minutes at –25
°C and 30 minutes at 85°C.
Resistance to hydrogen sulfide
Leave for 500 hours in an atmosphere containing 3 ppm of hydrogen sulfide at 40
°C and 75% RH.
Resistance to sulfur dioxide gas
Leave for 500 hours in an atmosphere containing 10 ppm of sulfur dioxide at 40
°C and 95% RH
Resistance to ammonia gas
Leave for 96 hours in an atmosphere containing 3% of ammonia gas at normal temperature and humidity.
Resistance to dust
Mix with 2 kg/m3 talcum powder or fly ash and leave to stand for 8 hours
Ambient temperature
–20 to +80
°C (No freezing nor condensation at low temperature)
Notes:
1.Without any indications, specifications are measured at following conditions
• Temperature: 15 to 35
°C
• Humidity: 25 to 85% RH
• Atmospheric pressure: 86 to 106 kpa.
2.The evaluation criteria for performance are as follows:
Basic characteristics – Ta = 25
°C and applicable circuit conditions
1) Operation characteristics (operation speed 6 degrees/sec.)
• Operation angle (Output: VOL
→ VOH): 25 to 60 degrees
• Return angle (Output: VOH
→ VOL): 20 degrees min.
2) Output (VO) characteristics (The sphere must be stationary.)
• VOL (photo transistor ON): 1.2 V max. (horizontal)
• VOH (photo transistor OFF): 3.8 V min. (inclined at an angle of at least 60 degrees)
• Horizontal mounting type
Terminal No. 1
(LED: Anode)
Terminal No. 4
(Photo transistor: Emitter)
PC
board
Horizontal
datum line
Horizontal
datum line
Terminal No. 3
(Photo transistor: Collector)
Terminal No. 2
(LED: Cathode)
6.55
1.75
9.3
3.7
0.9
4.0
3.1
5.1
9.5
3.0
2.6
9.5 dia.
C0.3
C0.3
7.9
9.5
11.5
PC board pattern (Bottom view)
Terminal No. 1
(LED: Anode)
Terminal No. 2
(LED: Cathode)
Terminal No. 4
(Photo transistor: Emitter)
1.3 dia.
Terminal No. 3
(Photo transistor:
Collector)
3.1
±0.1
11.9
±0.1
5.1
±0.1
• Vertical mounting type
5.1
±0.4 0.9
2.6
3.1
±0.4
Terminal No. 1
Terminal No. 2
Terminal No. 4
Terminal No. 3
11.5
±0.5
PC board
PC board pattern (Bottom view)
Terminal No. 4
(Photo transistor: Emitter)
Terminal No. 2
(LED: Cathode)
Terminal No. 3
(Photo transistor:
Collector)
Terminal No. 1
(LED: Anode)
5.1
±0.1
11.9
±0.1
3.1
±0.1
1.3 dia.
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com