Electronic Components Datasheet Search
  English  ▼

X  

LM120 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM120
Description  LM120/LM320-N Series 3-Terminal Negative Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM120 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM120 Datasheet HTML 2Page - Texas Instruments LM120 Datasheet HTML 3Page - Texas Instruments LM120 Datasheet HTML 4Page - Texas Instruments LM120 Datasheet HTML 5Page - Texas Instruments LM120 Datasheet HTML 6Page - Texas Instruments LM120 Datasheet HTML 7Page - Texas Instruments LM120 Datasheet HTML 8Page - Texas Instruments LM120 Datasheet HTML 9Page - Texas Instruments LM120 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LM120, LM320-N
SNVS756C – APRIL 1998 – REVISED APRIL 2013
www.ti.com
LM320T-12 ELECTRICAL CHARACTERISTICS (continued)
Power Plastic Package
Order Numbers
LM320T-12
(TO-220)
Units
Design Output Current (ID)
1A
Device Dissipation (PD)
15W
Parameter
Conditions (1)
Min
Typ
Max
Output Noise Voltage
TA = 25°C, CL = 1 μF, IL = 5 mA,
400
μV
VIN = 17V, 10 Hz ≤ f ≤ 100 kHz
Long Term Stability
24
mV
Thermal Resistance
Junction to Case
4
°C/W
Junction to Ambient
50
°C/W
ABSOLUTE MAXIMUM RATINGS
−15 VOLT REGULATORS
(1) (2)
Power Dissipation
Internally Limited
Input Voltage
LM120/LM320-N
−40V
LM320T
−35V
Input-Output Voltage Differential
30V
Junction Temperatures
(3)
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 10 sec.)
300°C
(1)
Refer to RETS120-15H drawing for LM120H-15 or RETS120-15K drawing for LM120K-15 military specifications.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
This specification applies over
−55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N.
LM120K-15 AND LM320K-15 ELECTRICAL CHARACTERISTICS
Metal Can Package
Order Numbers
LM120K-15
LM320K-15
(TO-3)
(TO-3)
Units
Design Output Current (ID)
1A
Device Dissipation (PD)
20W
Parameter
Conditions (1)
Min
Typ
Max
Min
Typ
Max
Output Voltage
TJ = 25°C, VIN = 20V,
−15.3
−15
−14.7
−15.4
−15
−14.6
V
ILOAD = 5 mA
Line Regulation
TJ = 25°C, ILOAD = 5 mA,
5
10
5
20
mV
VMIN ≤ VIN ≤ VMAX
Input Voltage
−35
−17
−35
−17
V
Ripple Rejection
f = 120 Hz
56
80
56
80
dB
Load Regulation,
TJ = 25°C, VIN = 20V,
30
80
30
80
mV
(2)
5 mA
≤ ILOAD ≤ ID
Output Voltage,
17.5V
≤ VIN ≤ VMAX,
−15.5
−14.5
−15.6
−14.4
V
(1)
5 mA
≤ ILOAD ≤ ID, P ≤ PD
Quiescent Current
VMIN ≤ VIN ≤ VMAX
2
4
2
4
mA
(1)
This specification applies over
−55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N.
(2)
Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects must be taken into account
separately. To ensure constant junction temperature, low duty cycle, pulse testing is used. The LM120/LM320-N series does have low
thermal feedback, improving line and load regulation. On all other tests, even though power dissipation is internally limited, electrical
specifications apply only up to PD.
6
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM120 LM320-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com