Electronic Components Datasheet Search
  English  ▼

X  

LM120 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM120
Description  LM120/LM320-N Series 3-Terminal Negative Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM120 Datasheet(HTML) 3 Page - Texas Instruments

  LM120 Datasheet HTML 1Page - Texas Instruments LM120 Datasheet HTML 2Page - Texas Instruments LM120 Datasheet HTML 3Page - Texas Instruments LM120 Datasheet HTML 4Page - Texas Instruments LM120 Datasheet HTML 5Page - Texas Instruments LM120 Datasheet HTML 6Page - Texas Instruments LM120 Datasheet HTML 7Page - Texas Instruments LM120 Datasheet HTML 8Page - Texas Instruments LM120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM120, LM320-N
www.ti.com
SNVS756C – APRIL 1998 – REVISED APRIL 2013
LM120H-5.0 ELECTRICAL CHARACTERISTICS
(1)
Metal Can Package
Order Numbers
LM120H-5.0
(TO)
Units
Design Output Current (ID)
0.5A
Device Dissipation (PD)
2W
Parameter
Conditions (2)
Min
Typ
Max
Output Voltage
TJ = 25°C, VIN =10V,
−5.1
−5
−4.9
V
ILOAD = 5 mA
Line Regulation
TJ = 25°C, ILOAD = 5 mA,
10
25
mV
VMIN ≤ VIN ≤ VMAX
Input Voltage
−25
−7
V
Ripple Rejection
f = 120 Hz
54
64
dB
Load Regulation,
TJ = 25°C, VIN = 10V,
30
50
mV
(3)
5 mA
≤ ILOAD ≤ ID
Output Voltage,
−7.5V ≤ VIN ≤ VMAX,
−5.20
−4.80
V
(4)
5 mA
≤ ILOAD ≤ ID, P ≤ PD
Quiescent Current
VMIN ≤ VIN ≤ VMAX
1
2
mA
Quiescent Current
TJ = 25°C
Change
VMIN ≤ VIN ≤ VMAX
0.05
0.4
mA
5 mA
≤ ILOAD ≤ ID
0.04
0.4
mA
Output Noise Voltage
TA = 25°C, CL = 1 μF, IL = 5 mA,
150
μV
VIN = 10V, 10 Hz ≤ f ≤ 100 kHz
Long Term Stability
5
mV
Thermal Resistance
Junction to Case
(5)
°C/W
Junction to Ambient
(5)
°C/W
(1)
For
−5V 3 amp regulators, see LM145 data sheet.
(2)
This specification applies over
−55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N.
(3)
Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects must be taken into account
separately. To ensure constant junction temperature, low duty cycle, pulse testing is used. The LM120/LM320-N series does have low
thermal feedback, improving line and load regulation. On all other tests, even though power dissipation is internally limited, electrical
specifications apply only up to PD.
(4)
This specification applies over
−55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N.
(5)
Thermal resistance of typically 85°C/W (in 400 linear feet air flow), 224°C/W (in static air) junction to ambient, of typically 21°C/W
junction to case.
ABSOLUTE MAXIMUM RATINGS
−12 VOLT REGULATORS
(1) (2)
Power Dissipation
Internally Limited
Input Voltage
−35V
Input-Output Voltage Differential
30V
Junction Temperatures
(3)
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 10 sec.)
300°C
(1)
Refer to RETS120H-12 drawing for LM120H-12 or RETS120-12K drawing for LM120K-12 military specifications.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
This specification applies over
−55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM120 LM320-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com