Electronic Components Datasheet Search
  English  ▼

X  

BA3474WFVC Datasheet(PDF) 21 Page - Rohm

Part # BA3474WFVC
Description  Automotive High Speed Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3474WFVC Datasheet(HTML) 21 Page - Rohm

Back Button BA3474WFVC Datasheet HTML 17Page - Rohm BA3474WFVC Datasheet HTML 18Page - Rohm BA3474WFVC Datasheet HTML 19Page - Rohm BA3474WFVC Datasheet HTML 20Page - Rohm BA3474WFVC Datasheet HTML 21Page - Rohm BA3474WFVC Datasheet HTML 22Page - Rohm BA3474WFVC Datasheet HTML 23Page - Rohm BA3474WFVC Datasheet HTML 24Page - Rohm BA3474WFVC Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200540-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
21/29
20.DEC.2012 Rev.002
TSZ22111・15・00
BA3472Yxxx-C, BA3474YFV-C, BA3472WFV-C, BA3474WFV-C
-180
-150
-120
-90
-60
-30
0
-10
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY[kHz]
○BA3474Y, BA3474W
(*)The above data is measurement value of typical sample, it is not guaranteed.
Figure 45.
Voltage Gain・Phase - Frequency
(VCC/VEE=+15V/-15V, Av=40dB
RL=2kΩ, CL=100pF, Ta=25℃)
Figure 46.
Input / Output Voltage - Time
(VCC/VEE=+15V/-15V, Av=0dB,
RL=2kΩ, CL=100pF, Ta=25℃)
Figure 47.
Input / Output Voltage - Time
(VCC/VEE=+15V/-15V, Av=0dB,
RL=2kΩ, CL=100pF, Ta=25℃)
PHASE
GAIN
OUTPUT
INPUT
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
012
345
678
TIME[
μs]
OUTPUT
-100
-80
-60
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
TIME[
μs]
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com