Electronic Components Datasheet Search
  English  ▼

X  

BA3474WFVC Datasheet(PDF) 3 Page - Rohm

Part # BA3474WFVC
Description  Automotive High Speed Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3474WFVC Datasheet(HTML) 3 Page - Rohm

  BA3474WFVC Datasheet HTML 1Page - Rohm BA3474WFVC Datasheet HTML 2Page - Rohm BA3474WFVC Datasheet HTML 3Page - Rohm BA3474WFVC Datasheet HTML 4Page - Rohm BA3474WFVC Datasheet HTML 5Page - Rohm BA3474WFVC Datasheet HTML 6Page - Rohm BA3474WFVC Datasheet HTML 7Page - Rohm BA3474WFVC Datasheet HTML 8Page - Rohm BA3474WFVC Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200540-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3/29
20.DEC.2012 Rev.002
TSZ22111・15・00
BA3472Yxxx-C, BA3474YFV-C, BA3472WFV-C, BA3474WFV-C
●Ordering Information
B
A
3
4
7
x
x
x
x
x
-
C
xx
Part Number
BA3472Y
BA3472W
BA3474Y
BA3474W
Package
F
: SOP8
FV
: SSOP-B8
SSOP-B14
FVM : MSOP8
C: Automotive(Engine control unit、EPS、
ABS, and so on)
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SSOP-B8/SSOP-B14)
TR: Embossed tape and reel
(MSOP8)
●Line-up
Topr
Package
Orderable
Part Number
-40°C to +125°C
SOP8
Reel of 2500
BA3472YF-CE2
SSOP-B8
Reel of 2500
BA3472YFV-CE2
MSOP8
Reel of 3000
BA3472YFVM-CTR
SSOP-B8
Reel of 2500
BA3472WFV-CE2
SSOP-B14
Reel of 2500
BA3474YFV-CE2
SSOP-B14
Reel of 2500
BA3474WFV-CE2
●Absolute Maximum Ratings (Ta=25℃)
○BA3472Y, BA3472W, BA3474Y, BA3474W
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC-VEE
+36
V
Power dissipation
Pd
SOP8
1075
*1*5
mW
SSOP-B8
835
*1*3
MSOP8
750
*3*5
SSOP-B14
1350
*2*3
Differential Input Voltage
*6
Vid
+36
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3) to VEE+36
V
Operating Supply Voltage
Vopr
+3.0Vto+36.0V
(±1.5Vto±18.0V)
V
Operating Temperature
Topr
-40 to +125
℃
Storage Temperature
Tstg
-55 to +150
℃
Maximum Junction Temperature
Tjmax
+150
℃
Note Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment may cause
deterioration of characteristics.
*1
To use at temperature above Ta=25℃ reduce 8.6mW/℃.
*2
To use at temperature above Ta=25℃ reduce 6.7mW/℃.
*3
To use at temperature above Ta=25℃ reduce 6.0mW/℃.
*4
To use at temperature above Ta=25℃ reduce 10.8mW/℃.
*5
Mounted on a FR4 glass epoxy 4 layers PCB 70mm×70mm×1.6mm (occupied copper area: 70mm×70mm).
*6
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com