Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 217 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 217 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 213Page - Altera Corporation EP3SL150 Datasheet HTML 214Page - Altera Corporation EP3SL150 Datasheet HTML 215Page - Altera Corporation EP3SL150 Datasheet HTML 216Page - Altera Corporation EP3SL150 Datasheet HTML 217Page - Altera Corporation EP3SL150 Datasheet HTML 218Page - Altera Corporation EP3SL150 Datasheet HTML 219Page - Altera Corporation EP3SL150 Datasheet HTML 220Page - Altera Corporation EP3SL150 Datasheet HTML 221Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–207
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.5-V HSTL
CLASS I
GCLK
t
su
1.009
1.009
-1.308 -1.462 -1.641 -1.555 -1.578 -1.452
-1.632
-1.544
-1.622
ns
t
h
0.867
0.912
1.600
-1.210 -1.310 -1.259 -1.534 -1.219
-1.316
-1.267
-1.571
ns
GCLK
PLL
t
su
-0.902
-0.937
1.491
1.416
1.541
1.476
1.748
1.435
1.557
1.494
1.786
ns
t
h
1.015
1.063
-1.308
1.910
2.142
2.025
2.053
1.908
2.141
2.023
2.100
ns
1.5-V HSTL
CLASS II
GCLK
t
su
0.946
0.949
1.600
-1.462 -1.641 -1.555 -1.578 -1.452
-1.632
-1.544
-1.622
ns
t
h
-0.697
-0.689
1.491
-1.210 -1.310 -1.259 -1.534 -1.219
-1.316
-1.267
-1.571
ns
GCLK
PLL
t
su
-0.902
-0.937
1.491
1.416
1.541
1.476
1.748
1.435
1.557
1.494
1.786
ns
t
h
1.015
1.063
1.491
1.910
2.142
2.025
2.053
1.908
2.141
2.023
2.100
ns
1.2-V HSTL
CLASS I
GCLK
t
su
0.946
0.949
1.491
-1.462 -1.641 -1.555 -1.578 -1.452
-1.632
-1.544
-1.622
ns
t
h
-0.697
-0.689
1.491
-1.210 -1.310 -1.259 -1.534 -1.219
-1.316
-1.267
-1.571
ns
GCLK
PLL
t
su
-0.896
-0.926
-1.311 -1.433 -1.658 -1.605 -1.896 -1.451
-1.663
-1.612
-1.927
ns
t
h
1.009
1.052
1.597
1.816
1.931
1.813
1.843
1.809
1.936
1.818
1.895
ns
1.2-V HSTL
CLASS II
GCLK
t
su
0.952
0.960
1.494
1.640
1.888
1.819
2.111
1.667
1.903
1.836
2.144
ns
t
h
-0.703
-0.700
-1.311 -1.433 -1.658 -1.605 -1.896 -1.451
-1.663
-1.612
-1.927
ns
GCLK
PLL
t
su
-0.896
-0.926
-1.311 -1.433 -1.658 -1.605 -1.896 -1.451
-1.663
-1.612
-1.927
ns
t
h
1.009
1.052
1.597
1.816
1.931
1.813
1.843
1.809
1.936
1.818
1.895
ns
3.0-V PCI
GCLK
t
su
0.952
0.960
1.494
1.640
1.888
1.819
2.111
1.667
1.903
1.836
2.144
ns
t
h
-0.703
-0.700
-1.308 -1.434 -1.661 -1.608 -1.899 -1.450
-1.668
-1.617
-1.932
ns
GCLK
PLL
t
su
-0.902
-0.937
1.491
1.641
1.891
1.822
2.114
1.666
1.908
1.841
2.149
ns
t
h
1.015
1.063
-1.308 -1.434 -1.661 -1.608 -1.899 -1.450
-1.668
-1.617
-1.932
ns
3.0-V
PCI-X
GCLK
t
su
0.946
0.949
1.600
1.815
1.928
1.810
1.840
1.810
1.931
1.813
1.890
ns
t
h
-0.697
-0.689
1.491
1.641
1.891
1.822
2.114
1.666
1.908
1.841
2.149
ns
GCLK
PLL
t
su
-0.902
-0.937
1.500
1.654
1.906
1.837
2.129
1.675
1.918
1.851
2.159
ns
t
h
1.015
1.063
-1.317 -1.447 -1.676 -1.623 -1.914 -1.459
-1.678
-1.627
-1.942
ns
Table 1–102. EP3SE50 Row Pins Input Timing Parameters (Part 3 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com