Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 219 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 219 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 215Page - Altera Corporation EP3SL150 Datasheet HTML 216Page - Altera Corporation EP3SL150 Datasheet HTML 217Page - Altera Corporation EP3SL150 Datasheet HTML 218Page - Altera Corporation EP3SL150 Datasheet HTML 219Page - Altera Corporation EP3SL150 Datasheet HTML 220Page - Altera Corporation EP3SL150 Datasheet HTML 221Page - Altera Corporation EP3SL150 Datasheet HTML 222Page - Altera Corporation EP3SL150 Datasheet HTML 223Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–209
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
3.0-V
LVCMOS
4mA
GCLK
t
co
3.146
3.146
4.397
4.757
5.259
5.140
5.275
4.757
5.259
5.140
5.275
ns
GCLK
PLL
t
co
3.428
3.402
4.774
5.197
5.683
5.539
5.836
5.197
5.683
5.539
5.836
ns
8mA
GCLK
tco
3.009
3.010
4.202
4.558
5.077
4.958
5.165
4.558
5.077
4.958
5.165
ns
GCLK
PLL
t
co
3.349
3.323
4.651
5.068
5.548
5.404
5.701
5.068
5.548
5.404
5.701
ns
12mA
GCLK
t
co
2.995
3.005
4.183
4.524
5.009
4.889
5.134
4.524
5.009
4.889
5.134
ns
GCLK
PLL
t
co
3.344
3.318
4.643
5.061
5.540
5.395
5.694
5.061
5.540
5.395
5.694
ns
16mA
GCLK
t
co
2.986
2.996
4.169
4.509
5.007
4.888
5.139
4.509
5.007
4.888
5.139
ns
GCLK
PLL
t
co
3.335
3.309
4.629
5.046
5.525
5.380
5.679
5.046
5.525
5.380
5.679
ns
2.5 V
4mA
GCLK
t
co
3.293
3.293
4.651
5.036
5.541
5.422
5.483
5.036
5.541
5.422
5.483
ns
GCLK
PLL
t
co
3.550
3.524
4.981
5.424
5.930
5.786
6.084
5.424
5.930
5.786
6.084
ns
8mA
GCLK
tco
3.168
3.168
4.478
4.852
5.344
5.225
5.359
4.852
5.344
5.225
5.359
ns
GCLK
PLL
t
co
3.450
3.424
4.862
5.298
5.798
5.654
5.951
5.298
5.798
5.654
5.951
ns
12mA
GCLK
t
co
3.068
3.068
4.349
4.716
5.204
5.085
5.281
4.716
5.204
5.085
5.281
ns
GCLK
PLL
t
co
3.406
3.380
4.775
5.208
5.703
5.558
5.857
5.208
5.703
5.558
5.857
ns
16mA
GCLK
t
co
3.041
3.041
4.280
4.649
5.154
5.035
5.224
4.649
5.154
5.035
5.224
ns
GCLK
PLL
t
co
3.368
3.342
4.736
5.165
5.660
5.515
5.814
5.165
5.660
5.515
5.814
ns
1.8 V
2mA
GCLK
t
co
3.556
3.556
5.088
5.519
6.078
5.958
5.880
5.519
6.078
5.958
5.880
ns
GCLK
PLL
t
co
3.741
3.715
5.303
5.784
6.335
6.190
6.489
5.784
6.335
6.190
6.489
ns
4mA
GCLK
tco
3.315
3.315
4.728
5.113
5.617
5.498
5.549
5.113
5.617
5.498
5.549
ns
GCLK
PLL
t
co
3.560
3.534
5.024
5.475
5.987
5.843
6.140
5.475
5.987
5.843
6.140
ns
6mA
GCLK
t
co
3.197
3.197
4.538
4.923
5.443
5.323
5.437
4.923
5.443
5.323
5.437
ns
GCLK
PLL
t
co
3.478
3.452
4.917
5.360
5.877
5.732
6.031
5.360
5.877
5.732
6.031
ns
8mA
GCLK
t
co
3.143
3.143
4.438
4.825
5.331
5.211
5.360
4.825
5.331
5.211
5.360
ns
GCLK
PLL
tco
3.458
3.432
4.858
5.307
5.811
5.666
5.965
5.307
5.811
5.666
5.965
ns
10mA
GCLK
t
co
3.075
3.075
4.342
4.727
5.217
5.097
5.291
4.727
5.217
5.097
5.291
ns
GCLK
PLL
t
co
3.395
3.369
4.797
5.232
5.730
5.585
5.884
5.232
5.730
5.585
5.884
ns
12mA
GCLK
tco
3.051
3.051
4.317
4.680
5.179
5.059
5.258
4.680
5.179
5.059
5.258
ns
GCLK
PLL
t
co
3.377
3.351
4.777
5.210
5.707
5.562
5.861
5.210
5.707
5.562
5.861
ns
Table 1–103. EP3SE50 Column Pins Output Timing Parameters (Part 2 of 6)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com