Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 218 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 218 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 214Page - Altera Corporation EP3SL150 Datasheet HTML 215Page - Altera Corporation EP3SL150 Datasheet HTML 216Page - Altera Corporation EP3SL150 Datasheet HTML 217Page - Altera Corporation EP3SL150 Datasheet HTML 218Page - Altera Corporation EP3SL150 Datasheet HTML 219Page - Altera Corporation EP3SL150 Datasheet HTML 220Page - Altera Corporation EP3SL150 Datasheet HTML 221Page - Altera Corporation EP3SL150 Datasheet HTML 222Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 341 page
background image
1–208
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–103 lists the EP3SE50 column pins output timing parameters for single-ended
I/O standards.
Table 1–103. EP3SE50 Column Pins Output Timing Parameters (Part 1 of 6)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.293
3.293
4.559
4.925
5.402
5.282
5.365
4.925
5.402
5.282
5.365
ns
GCLK
PLL
t
co
3.550
3.524
4.903
5.329
5.819
5.674
5.973
5.329
5.819
5.674
5.973
ns
8mA
GCLK
t
co
3.176
3.176
4.405
4.763
5.232
5.112
5.252
4.763
5.232
5.112
5.252
ns
GCLK
PLL
t
co
3.483
3.457
4.794
5.218
5.706
5.561
5.860
5.218
5.706
5.561
5.860
ns
12mA
GCLK
tco
3.081
3.081
4.268
4.620
5.080
4.960
5.162
4.620
5.080
4.960
5.162
ns
GCLK
PLL
t
co
3.397
3.371
4.691
5.120
5.614
5.469
5.768
5.120
5.614
5.469
5.768
ns
16mA
GCLK
t
co
3.041
3.051
4.243
4.596
5.055
4.935
5.120
4.596
5.055
4.935
5.120
ns
GCLK
PLL
tco
3.390
3.364
4.674
5.092
5.573
5.428
5.727
5.092
5.573
5.428
5.727
ns
3.3-V
LVCMOS
4mA
GCLK
t
co
3.296
3.296
4.563
4.937
5.416
5.296
5.373
4.937
5.416
5.296
5.373
ns
GCLK
PLL
t
co
3.556
3.530
4.908
5.334
5.826
5.681
5.980
5.334
5.826
5.681
5.980
ns
8mA
GCLK
t
co
3.096
3.096
4.273
4.625
5.086
4.966
5.172
4.625
5.086
4.966
5.172
ns
GCLK
PLL
t
co
3.401
3.375
4.701
5.137
5.625
5.480
5.779
5.137
5.625
5.480
5.779
ns
12mA
GCLK
tco
3.059
3.069
4.236
4.594
5.055
4.935
5.148
4.594
5.055
4.935
5.148
ns
GCLK
PLL
t
co
3.408
3.382
4.695
5.116
5.599
5.454
5.753
5.116
5.599
5.454
5.753
ns
16mA
GCLK
t
co
3.043
3.053
4.212
4.553
5.025
4.904
5.119
4.553
5.025
4.904
5.119
ns
GCLK
PLL
tco
3.392
3.366
4.672
5.090
5.570
5.425
5.724
5.090
5.570
5.425
5.724
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.238
3.238
4.508
4.876
5.367
5.247
5.356
4.876
5.367
5.247
5.356
ns
GCLK
PLL
t
co
3.514
3.488
4.870
5.298
5.786
5.641
5.940
5.298
5.786
5.641
5.940
ns
8mA
GCLK
t
co
3.108
3.108
4.339
4.704
5.205
5.086
5.239
4.704
5.205
5.086
5.239
ns
GCLK
PLL
t
co
3.403
3.377
4.740
5.164
5.648
5.504
5.801
5.164
5.648
5.504
5.801
ns
12mA
GCLK
tco
3.033
3.033
4.250
4.605
5.103
4.984
5.175
4.605
5.103
4.984
5.175
ns
GCLK
PLL
t
co
3.367
3.341
4.677
5.095
5.574
5.430
5.728
5.095
5.574
5.430
5.728
ns
16mA
GCLK
t
co
3.000
3.010
4.188
4.536
5.053
4.934
5.152
4.536
5.053
4.934
5.152
ns
GCLK
PLL
t
co
3.349
3.323
4.648
5.067
5.546
5.401
5.700
5.067
5.546
5.401
5.700
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com