Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 222 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 222 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 218Page - Altera Corporation EP3SL150 Datasheet HTML 219Page - Altera Corporation EP3SL150 Datasheet HTML 220Page - Altera Corporation EP3SL150 Datasheet HTML 221Page - Altera Corporation EP3SL150 Datasheet HTML 222Page - Altera Corporation EP3SL150 Datasheet HTML 223Page - Altera Corporation EP3SL150 Datasheet HTML 224Page - Altera Corporation EP3SL150 Datasheet HTML 225Page - Altera Corporation EP3SL150 Datasheet HTML 226Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 341 page
background image
1–212
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8-V
HSTL
CLASS I
4mA
GCLK
t
co
3.042
3.050
4.294
4.654
5.173
5.053
5.270
4.654
5.173
5.053
5.270
ns
GCLK
PLL
t
co
3.389
3.363
4.754
5.185
5.678
5.533
5.832
5.185
5.678
5.533
5.832
ns
6mA
GCLK
tco
3.033
3.043
4.292
4.646
5.169
5.050
5.275
4.646
5.169
5.050
5.275
ns
GCLK
PLL
t
co
3.382
3.356
4.752
5.184
5.677
5.532
5.831
5.184
5.677
5.532
5.831
ns
8mA
GCLK
t
co
3.025
3.035
4.285
4.639
5.142
5.023
5.257
4.639
5.142
5.023
5.257
ns
GCLK
PLL
t
co
3.374
3.348
4.745
5.176
5.670
5.525
5.824
5.176
5.670
5.525
5.824
ns
10mA
GCLK
t
co
3.028
3.038
4.288
4.642
5.145
5.025
5.260
4.642
5.145
5.025
5.260
ns
GCLK
PLL
t
co
3.377
3.351
4.748
5.180
5.674
5.529
5.828
5.180
5.674
5.529
5.828
ns
12mA
GCLK
t
co
3.025
3.035
4.290
4.646
5.144
5.025
5.267
4.646
5.144
5.025
5.267
ns
GCLK
PLL
t
co
3.374
3.348
4.750
5.183
5.678
5.533
5.832
5.183
5.678
5.533
5.832
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
tco
3.033
3.043
4.289
4.643
5.141
5.021
5.271
4.643
5.141
5.021
5.271
ns
GCLK
PLL
t
co
3.382
3.356
4.749
5.181
5.674
5.529
5.828
5.181
5.674
5.529
5.828
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
t
co
3.048
3.055
4.303
4.667
5.189
5.069
5.283
4.667
5.189
5.069
5.283
ns
GCLK
PLL
t
co
3.394
3.368
4.763
5.195
5.689
5.544
5.843
5.195
5.689
5.544
5.843
ns
6mA
GCLK
t
co
3.041
3.051
4.304
4.662
5.178
5.058
5.280
4.662
5.178
5.058
5.280
ns
GCLK
PLL
t
co
3.390
3.364
4.764
5.197
5.692
5.547
5.846
5.197
5.692
5.547
5.846
ns
8mA
GCLK
t
co
3.037
3.047
4.299
4.655
5.172
5.052
5.275
4.655
5.172
5.052
5.275
ns
GCLK
PLL
t
co
3.386
3.360
4.759
5.192
5.687
5.542
5.841
5.192
5.687
5.542
5.841
ns
10mA
GCLK
tco
3.030
3.040
4.292
4.648
5.159
5.039
5.269
4.648
5.159
5.039
5.269
ns
GCLK
PLL
t
co
3.379
3.353
4.752
5.185
5.680
5.535
5.834
5.185
5.680
5.535
5.834
ns
12mA
GCLK
t
co
3.031
3.041
4.299
4.656
5.155
5.035
5.272
4.656
5.155
5.035
5.272
ns
GCLK
PLL
t
co
3.380
3.354
4.759
5.193
5.690
5.545
5.844
5.193
5.690
5.545
5.844
ns
1.5-V
HSTL
CLASS II
16mA
GCLK
t
co
3.029
3.039
4.280
4.634
5.134
5.014
5.257
4.634
5.134
5.014
5.257
ns
GCLK
PLL
tco
3.378
3.352
4.740
5.171
5.664
5.519
5.818
5.171
5.664
5.519
5.818
ns
Table 1–103. EP3SE50 Column Pins Output Timing Parameters (Part 5 of 6)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com