Electronic Components Datasheet Search
  English  ▼

X  

EP2C50 Datasheet(PDF) 22 Page - Altera Corporation

Part # EP2C50
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C50 Datasheet(HTML) 22 Page - Altera Corporation

Back Button EP2C50 Datasheet HTML 18Page - Altera Corporation EP2C50 Datasheet HTML 19Page - Altera Corporation EP2C50 Datasheet HTML 20Page - Altera Corporation EP2C50 Datasheet HTML 21Page - Altera Corporation EP2C50 Datasheet HTML 22Page - Altera Corporation EP2C50 Datasheet HTML 23Page - Altera Corporation EP2C50 Datasheet HTML 24Page - Altera Corporation EP2C50 Datasheet HTML 25Page - Altera Corporation EP2C50 Datasheet HTML 26Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 182 page
background image
22
Package Information Datasheet for Mature Altera Devices
Device and Package Cross Reference
Package Information Datasheet for Mature Altera Devices
© December 2011
Altera Corporation
Configuration Devices
Table 23 lists the device name, package type, and number of pins for the
Configuration device family.
1 The package type entries with “Option #” refer to instances where multiple package
options exist for a given package type and pin count. The option number identifies the
specific type used by the corresponding device density.
Enhanced Configuration Devices
Table 24 lists the device name, package type, and number of pins for the Enhanced
configuration device family.
1 The package type entries with “Option #” refer to instances where multiple package
options exist for a given package type and pin count. The option number identifies the
specific type used by the corresponding device density.
Table 23. Configuration Devices
Device
Package
Pins
EPC1
PDIP, Wire Bond
8
PLCC, Wire Bond
20
EPC2
PLCC, Wire Bond
20
TQFP, Wire Bond
32
EPC1064
PDIP, Wire Bond
8
PLCC, Wire Bond
20
EPC1213
PDIP, Wire Bond
8
PLCC, Wire Bond
20
EPC1441
PDIP, Wire Bond
8
PLCC, Wire Bond
20
TQFP, Wire Bond
32
Table 24. Enhanced Configuration Devices
Device
Package
Pins
EPC4
PQFP, Wire Bond
100
EPC8
PQFP, Wire Bond
100
EPC16
UBGA, Wire Bond
88
PQFP, Wire Bond
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com