Electronic Components Datasheet Search
  English  ▼

X  

EP2C50 Datasheet(PDF) 33 Page - Altera Corporation

Part # EP2C50
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C50 Datasheet(HTML) 33 Page - Altera Corporation

Back Button EP2C50 Datasheet HTML 29Page - Altera Corporation EP2C50 Datasheet HTML 30Page - Altera Corporation EP2C50 Datasheet HTML 31Page - Altera Corporation EP2C50 Datasheet HTML 32Page - Altera Corporation EP2C50 Datasheet HTML 33Page - Altera Corporation EP2C50 Datasheet HTML 34Page - Altera Corporation EP2C50 Datasheet HTML 35Page - Altera Corporation EP2C50 Datasheet HTML 36Page - Altera Corporation EP2C50 Datasheet HTML 37Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
33
Thermal Resistance
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
MAX 3000A Devices
Table 33 lists the thermal resistance of MAX 3000A devices.
HardCopy Series Devices Thermal Resistance
Table 34 to Table 35 provide thermal resistance values for HardCopy series devices.
Table 33. Thermal Resistance of MAX 3000A Devices
Device
Package
Pin
Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
EPM3032A
TQFP
44
14.0
46.0
45.0
43.0
40.0
PLCC
9.0
31.0
30.0
28.0
25.0
EPM3064A
TQFP
44
14.0
46.0
45.0
43.0
40.0
PLCC
9.0
31.0
30.0
28.0
25.0
TQFP
100
12.0
39.0
37.0
35.0
31.0
EPM3128A
TQFP
100
12.0
38.0
36.0
34.0
30.0
EPM3256A
TQFP
144
9.0
33.0
29.0
27.0
25.0
PQFP
208
5.0
31.0
29.0
27.0
22.0
EPM3512A
PQFP
208
5.0
30.0
28.0
25.0
21.0
FBGA
256
11.0
32.0
30.0
28.0
22.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com