Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor With DMA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MOTOROLA
MC68340 PRODUCT INFORMATION
7
Clock Synthesizer
The clock synthesizer generates the clock signals used by all internal operations as well as a clock output
used by external devices. The clock synthesizer can operate with an inexpensive 32768-Hz watch crystal or
an external oscillator for reference, using an internal phase-locked loop and voltage-controlled oscillator. At
any time, software can select clock frequencies from 131 kHz to 16.78 MHz or 25.16 MHz, favoring either
low power consumption or high performance. Alternately, an external clock can drive the clock signal directly
at the operating frequency. With its fully static HCMOS design, it is possible to completely stop the system
clock without losing the contents of the internal registers.
Chip Select And Wait State Generation
Four programmable chip selects provide signals to enable external memory and peripheral circuits,
providing all handshaking and timing signals with up to 175-ns access times with a 25-MHz system clock
(265 ns @ 16.78 MHz). Each chip select signal has an associated base address and an address mask that
determine the addressing characteristics of that chip select. Address space and write protection can be
selected for each. The block size can be selected from 256 bytes up to 4 Gbytes in increments of 2n.
Accesses can be preselected for either 8- or 16-bit transfers. Fast synchronous termination or up to three
wait states can be programmed, whether or not the chip select signals are used. External handshakes can
also signal the end of a bus transfer. A system can boot from reset out of 8-bit-wide memory, if desired.
Interrupt Handling
Seven input signals are provided to trigger an external interrupt, one for each of the seven priority levels
supported. Seven separate outputs can indicate the priority level of the interrupt being serviced. An input
can direct the processor to a default service routine, if desired. Interrupts at each priority level can be
preprogrammed to go to the default service routine. For maximum flexibility, interrupts can be vectored to
the correct service routine by the interrupting device.
Discrete I/O Pins
When not used for other functions, 16 pins can be programmed as discrete input or output lines.
Additionally, in other peripheral modules, pins for otherwise unused functions can often be used for general
input/output.
IEEE 1149.1 Test
To aid in system diagnostics, the MC68340 includes dedicated user-accessible test logic that is fully
compliant with the IEEE 1149.1 standard for boundary scan testability, often referred to as JTAG (Joint Test
Action Group).
DIRECT MEMORY ACCESS MODULE
The most distinguishing MC68340 characteristic is the high-speed 32-bit DMA controller, used to quickly
move large blocks of data between internal peripherals, external peripherals, or memory, without processor
intervention. The DMA module consists of two, independent, programmable channels. Each channel has
separate request, acknowledge, and done signals. Each channel can operate in a single-address (flyby) or a
dual-address mode.
In single-address mode, only one (the source or the destination) address is provided, and a peripheral
device such as a serial communications controller receives or supplies the data. An external request must
start a single-address transfer. In this mode, each channel supports 32 bits of address and 8, 16, or 32 bits
of data.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com