Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor With DMA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MOTOROLA
MC68340 PRODUCT INFORMATION
9
counter/timer can be clocked by the internal system clock generated by the SIM40 (
÷2) or by an external
clock input. Either the processor or external stimuli can trigger the starting and stopping of the counter.
When a counter reaches a predetermined value, either an external output signal can be driven, or an
interrupt can be made to the CPU32. The finest resolution of the timer is 80 ns with a 25-MHz system clock
(125 ns @ 16.78 MHz).
POWER CONSUMPTION MANAGEMENT
The MC68340 is very power efficient due to its advanced 0.8-
µ HCMOS process technology and its static
logic design. The resulting power consumption is typically 500 mW in full operation @ 16.78 MHz (750 mW
@ 25 MHz)—far less than the comparable discrete component implementation the MC68340 can replace.
For applications employing reduced voltage operation, selection of the MC68340V, which requires only a
3.3-V power supply, reduces current consumption by 40–60% in all modes of operation (as well as reducing
noise emissions).
The MC68340 has many additional methods of dynamically controlling power consumption during operation.
The frequency of operation can be lowered under software control to reduce current consumption when
performance is less critical. Idle internal peripheral modules can be turned off to save power (5–10% each).
Running a special low power stop (LPSTOP) instruction shuts down the active circuits in the CPU and
peripheral modules, halting instruction execution. Power consumption in this standby mode is reduced to
about 300
µW. Processing and power consumption can be resumed by resetting the part or by generating
an interrupt which can be done with the SIM40's periodic interrupt timer.
PHYSICAL
The MC68340 is available as 0–16.78 MHz and 0–25.16 MHz, 0
°C to +70°C and -40°C to +85°C, and 5.0 V
±5% and 3.3 V ±0.3 supply voltages (reduced frequencies at 3.3 V). Thirty-two power and ground leads
minimize ground bounce and ensure proper isolation of different sections of the chip, including the clock
oscillator. A 144 pins are used for signals and power. The MC68340 is available in a gull-wing ceramic quad
flat pack (CQFP) with 0.65 mm lead spacing or a 15
× 15 plastic pin grid array (PPGA) with 0.1-in pin
spacing.
COMPACT DISC-INTERACTIVE
The MC68340 was designed to meet the needs of many markets, including compact disc-interactive (CD-I).
CD-I is an emerging standard for a publishing medium that will bring multimedia to a broad general
audience—the consumer. CD-I players combine television and stereo systems as output devices, with
interactive control using a TV remote-control-like device to provide a multimedia experience selected from
software “titles” contained in compressed form on standard compact discs.
The highly integrated MC68340 is ideal as the central processor for CD-I players. It provides the M68000
microprocessor code compatibility and DMA functions required by the
CD-I Green Book specification as well
as many other useful on-chip functions for a very cost-effective solution. The extra demands of full-motion
video CD-I systems make the best use of the MC68340 high performance. The MC68340 is CD-I compliant
and has been CD-I qualified. With its low voltage operation, the MC68340V is the only practical choice for
portable CD-I.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com