Electronic Components Datasheet Search
  English  ▼

X  

IR3898MPBF Datasheet(PDF) 34 Page - International Rectifier

Part # IR3898MPBF
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3898MPBF Datasheet(HTML) 34 Page - International Rectifier

Back Button IR3898MPBF Datasheet HTML 30Page - International Rectifier IR3898MPBF Datasheet HTML 31Page - International Rectifier IR3898MPBF Datasheet HTML 32Page - International Rectifier IR3898MPBF Datasheet HTML 33Page - International Rectifier IR3898MPBF Datasheet HTML 34Page - International Rectifier IR3898MPBF Datasheet HTML 35Page - International Rectifier IR3898MPBF Datasheet HTML 36Page - International Rectifier IR3898MPBF Datasheet HTML 37Page - International Rectifier IR3898MPBF Datasheet HTML 38Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
- 34 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
34
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
Boot
Vcc/LDO_out
Fb
Comp
Gnd
PGnd
SW
S_Ctrl
Vo=1.2V
PGood
Enable
Rt/Sync
Vin=12 V
Vin
Vp
R5
3.32k
2.37K
Co=4X22uF
Lo
1 uH
C4
2.2nF
R4
64.9
R3
1k
C3
33nF
C2
390pF
C1
0. 1 uF
Cin = 3 X10uF
Rt
39.2
. K
RPG
49.9K
R1
49.9K
R2
7.5K
IR 3898
2.2uF
CVcc
PVin
Vref
100pF
Cref
Vsns
R6
R7
3.32k
2.37K
R8
U1
C5
0.1uF
C6
0.1uF
External VCC=5V
Figure 28b: Application Circuit for a 12V to 1.2V, 6A Point of Load Converter Using External 5V VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com