Electronic Components Datasheet Search
  English  ▼

X  

IR3898MPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3898MPBF
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3898MPBF Datasheet(HTML) 4 Page - International Rectifier

  IR3898MPBF Datasheet HTML 1Page - International Rectifier IR3898MPBF Datasheet HTML 2Page - International Rectifier IR3898MPBF Datasheet HTML 3Page - International Rectifier IR3898MPBF Datasheet HTML 4Page - International Rectifier IR3898MPBF Datasheet HTML 5Page - International Rectifier IR3898MPBF Datasheet HTML 6Page - International Rectifier IR3898MPBF Datasheet HTML 7Page - International Rectifier IR3898MPBF Datasheet HTML 8Page - International Rectifier IR3898MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
- 4 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
4
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
PIN DESCRIPTIONS
PIN #
PIN NAME
PIN DESCRIPTION
1
Fb
Inverting input to the error amplifier. This pin is connected to the output of the
regulator via resistor divider to set the output voltage and provide feedback to
the error amplifier.
2
Vref
Internal reference voltage, it can be used for margining operation also. In normal
mode and sequencing mode, a 100pF ceramic capacitor is recommended
between this pin and Gnd. In tracking mode operation, Vref should be tied to
Gnd.
3
Comp
Output of error amplifier. An external resistor and capacitor network is typically
connected from this pin to Fb to provide loop compensation.
4
Gnd
Signal ground for internal reference and control circuitry.
5
Rt/Sync
Multi-function pin to set switching frequency. Use an external resistor from this
pin to Gnd to set the free-running switching frequency. Or use an external clock
signal to connect to this pin through a diode, the device’s switching frequency is
synchronized with the external clock.
6
S_Ctrl
Soft start/stop control. A high logic input enables the device to go into the
internal soft start; a low logic input enables the output soft discharged. Pull this
pin high if this function is not used.
7
PGood
Power Good status pin. Output is open drain. Connect a pull up resistor (49.9K)
from this pin to the voltage lower than or equal to the Vcc.
8
Vsns
Sense pin for over-voltage protection and PGood. It is optional to tie this pin to
FB pin directly instead of using a resistor divider from Vout.
9
Vin
Input voltage for Internal LDO. A 1.0µF capacitor should be connected between
this pin and PGnd. If external supply is connected to Vcc/LDO_out pin, this pin
should be shorted to Vcc/LDO_out pin.
10
Vcc/LDO_Out
Input Bias for external Vcc Voltage/ output of internal LDO. Place a minimum
2.2µF cap from this pin to PGnd.
11
PGnd
Power Ground. This pin serves as a separated ground for the MOSFET drivers
and should be connected to the system’s power ground plane.
12
SW
Switch node. This pin is connected to the output inductor.
13
PVin
Input voltage for power stage.
14
Boot
Supply voltage for high side driver, a 100nF capacitor should be connected
between this pin and SW pin.
15
Enable
Enable pin to turn on and off the device, if this pin is connected to PVin pin
through a resistor divider, input voltage UVLO can be implemented.
16
Vp
Input to error amplifier for tracking purposes. In the normal operation, it is left
floating and no external capacitor is required. In the sequencing or the tracking
mode operation, an external signal can be applied as the reference.
17
Gnd
Signal ground for internal reference and control circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com