Electronic Components Datasheet Search
  English  ▼

X  

IRF7905PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7905PBF
Description  Dual SO-8 MOSFET for POL Converters in Notebook Computers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7905PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7905PBF Datasheet HTML 1Page - International Rectifier IRF7905PBF Datasheet HTML 2Page - International Rectifier IRF7905PBF Datasheet HTML 3Page - International Rectifier IRF7905PBF Datasheet HTML 4Page - International Rectifier IRF7905PBF Datasheet HTML 5Page - International Rectifier IRF7905PBF Datasheet HTML 6Page - International Rectifier IRF7905PBF Datasheet HTML 7Page - International Rectifier IRF7905PBF Datasheet HTML 8Page - International Rectifier IRF7905PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF7905PbF
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
BVDSS
Drain-to-Source Breakdown Voltage
Q1&Q2
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
Q1
–––
0.024
–––
V/°C
Q2
–––
0.024
–––
Q1
–––
17.4
21.8
RDS(on)
Static Drain-to-Source On-Resistance
–––
23.4
29.3
m
Ω
Q2
–––
13.7
17.1
–––
17.1
21.3
VGS(th)
Gate Threshold Voltage
Q1&Q2
1.35
1.8
2.25
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
Q1
–––
-5.0
–––
mV/°C
Q2
–––
-5.0
–––
IDSS
Drain-to-Source Leakage Current
Q1&Q2
–––
–––
1.0
µA
Q1&Q2
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
Q1&Q2
–––
–––
100
nA
Gate-to-Source Reverse Leakage
Q1&Q2
–––
–––
-100
gfs
Forward Transconductance
Q1
15
–––
–––
S
Q2
18
–––
–––
Qg
Total Gate Charge
Q1
–––
4.6
6.9
Q2
–––
6.9
10
Qgs1
Pre-Vth Gate-to-Source Charge
Q1
–––
0.9
–––
Q1
Q2
–––
1.5
–––
VDS = 15V
Qgs2
Post-Vth Gate-to-Source Charge
Q1
–––
0.6
–––
nC
VGS = 4.5V, ID = 6.2A
Q2
–––
0.8
–––
Qgd
Gate-to-Drain Charge
Q1
–––
1.7
–––
Q2
Q2
–––
2.5
–––
VDS = 15V
Qgodr
Gate Charge Overdrive
Q1
–––
1.4
–––
VGS = 4.5V, ID = 7.1A
Q2
–––
2.1
–––
Qsw
Switch Charge (Qgs2 + Qgd)
Q1
–––
2.3
–––
Q2
–––
3.3
–––
Qoss
Output Charge
Q1
–––
2.9
–––
nC
Q2
–––
4.5
–––
RG
Gate Resistance
Q1
–––
3.1
4.9
Ω
Q2
–––
3.1
4.9
td(on)
Turn-On Delay Time
Q1
–––
5.2
–––
Q2
–––
6.2
–––
tr
Rise Time
Q1
–––
8.3
–––
ID = 6.2A
Q2
–––
9.3
–––
ns
td(off)
Turn-Off Delay Time
Q1
–––
6.9
–––
Q2
–––
8.1
–––
tf
Fall Time
Q1
–––
3.4
–––
ID = 7.1A
Q2
–––
3.4
–––
Ciss
Input Capacitance
Q1
–––
600
–––
Q2
–––
910
–––
Coss
Output Capacitance
Q1
–––
130
–––
pF
Q2
–––
190
–––
Crss
Reverse Transfer Capacitance
Q1
–––
78
–––
Q2
–––
95
–––
Avalanche Characteristics
Parameter
Q1 Max.
Q2 Max.
Units
EAS
Single Pulse Avalanche Energy d
12
18
mJ
IAR
Avalanche Current ™
6.2
7.1
A
Diode Characteristics
Parameter
Min.
Typ.
Max.
Units
IS
Continuous Source Current
Q1
–––
–––
2.8
A
(Body Diode)
Q2
–––
–––
2.8
ISM
Pulsed Source Current
Q1
–––
–––
62
A
(Body Diode)
Ù
Q2
–––
–––
71
VSD
Diode Forward Voltage
Q1
–––
–––
1.0
V
Q2
–––
–––
1.0
trr
Reverse Recovery Time
Q1
–––
10
15
ns
Q2
–––
13
20
Qrr
Reverse Recovery Charge
Q1
–––
2.5
3.8
nC
Q2
–––
4.0
6.0
VGS = 4.5V, ID = 6.2A e
VGS = 4.5V, ID = 7.1A
e
VDS = 15V, ID = 7.1A
VDD = 15V, VGS = 4.5V
VGS = 10V, ID = 8.9A e
VDS = VGS, ID = 25µA
VDS = 15V, ID = 6.2A
VDS = 24V, VGS = 0V, TJ = 125°C
VDD = 15V, VGS = 4.5V
–––
VDS = 15V
Clamped Inductive Load
VGS = 0V
ƒ = 1.0MHz
Typ.
–––
Q1 TJ = 25°C, IF = 6.2A,
VDD = 15V, di/dt = 100A/µs
e
TJ = 25°C, IS = 6.1A, VGS = 0V
e
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 7.1A, VGS = 0V e
Q2 TJ = 25°C, IF = 7.1A,
VDD = 15V, di/dt = 100A/µs
e
MOSFET symbol
VDS = 16V, VGS = 0V
Q1
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
Conditions
Q2
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 7.8A e



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com