Electronic Components Datasheet Search
  English  ▼

X  

IRF7905PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7905PBF
Description  Dual SO-8 MOSFET for POL Converters in Notebook Computers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7905PBF Datasheet(HTML) 4 Page - International Rectifier

  IRF7905PBF Datasheet HTML 1Page - International Rectifier IRF7905PBF Datasheet HTML 2Page - International Rectifier IRF7905PBF Datasheet HTML 3Page - International Rectifier IRF7905PBF Datasheet HTML 4Page - International Rectifier IRF7905PBF Datasheet HTML 5Page - International Rectifier IRF7905PBF Datasheet HTML 6Page - International Rectifier IRF7905PBF Datasheet HTML 7Page - International Rectifier IRF7905PBF Datasheet HTML 8Page - International Rectifier IRF7905PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF7905PbF
4
www.irf.com
Q1 - Control FET
Q2 - Synchronous FET
Typical Characteristics
Fig 7. Typical Capacitance vs. Drain-to-Source Voltage Fig 8. Typical Capacitance vs. Drain-to-Source Voltage
Fig 9. Typical Gate Charge vs. Gate-to-Source Voltage
Fig 10. Typical Gate Charge vs. Gate-to-Source
Voltage
Fig 11. Maximum Safe Operating Area
Fig 12. Maximum Safe Operating Area
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
02468
10
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
VDS= 25V
VDS= 16V
VDS= 7.6V
ID= 6.3A
0.01
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
TA = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
100msec
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
4
8
12
16
QG, Total Gate Charge (nC)
0
2
4
6
8
10
12
VDS= 25V
VDS= 16V
VDS= 7.6V
ID= 7.1A
0.01
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
TA = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
100msec



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com