Electronic Components Datasheet Search
  English  ▼

X  

TLV2401CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2401CD
Description  FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2401CD Datasheet(HTML) 1 Page - Texas Instruments

  TLV2401CD Datasheet HTML 1Page - Texas Instruments TLV2401CD Datasheet HTML 2Page - Texas Instruments TLV2401CD Datasheet HTML 3Page - Texas Instruments TLV2401CD Datasheet HTML 4Page - Texas Instruments TLV2401CD Datasheet HTML 5Page - Texas Instruments TLV2401CD Datasheet HTML 6Page - Texas Instruments TLV2401CD Datasheet HTML 7Page - Texas Instruments TLV2401CD Datasheet HTML 8Page - Texas Instruments TLV2401CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TLV2401, TLV2402, TLV2404
FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
SLOS244B – FEBRUARY 2000 – REVISED NOVEMBER 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Micro-Power Operation ... < 1 µA/Channel
D Input Common-Mode Range Exceeds the
Rails ... –0.1 V to VCC + 5 V
D Reverse Battery Protection Up To 18 V
D Rail-to-Rail Input/Output
D Gain Bandwidth Product ... 5.5 kHz
D Supply Voltage Range ... 2.5 V to 16 V
D Specified Temperature Range
– TA = 0°C to 70°C... Commercial Grade
– TA = –40°C to 125°C... Industrial Grade
D Ultrasmall Packaging
– 5-Pin SOT-23 (TLV2401)
– 8-Pin MSOP (TLV2402)
D Universal OpAmp EVM (Refer to the EVM
Selection Guide SLOU060)
description
The TLV240x family of single-supply operational
amplifiers has the lowest supply current available
today at only 880 nA per channel. Reverse battery
protection guards the amplifier from an over-
current
condition
due
to
improper
battery
installation. For harsh environments, the inputs
can be taken 5 V above the positive supply rail
without damage to the device.
The low supply current is coupled with extremely low input bias currents enabling them to be used with mega-
Ω
resistors making them ideal for portable, long active life, applications. DC accuracy is ensured with a low typical
offset voltage as low as 390
µV, CMRR of 120 dB and minimum open loop gain of 130 V/mV at 2.7 V.
The maximum recommended supply voltage is as high as 16 V and ensured operation down to 2.5 V, with
electrical characteristics specified at 2.7 V, 5 V and 15 V. The 2.5-V operation makes it compatible with Li-Ion
battery-powered systems and many micro-power microcontrollers available today including TI’s MSP430.
All members are available in PDIP and SOIC with the singles in the small SOT-23 package, duals in the MSOP,
and quads in TSSOP.
SELECTION OF SINGLE SUPPLY OPERATIONAL AMPLIFIER PRODUCTS†
DEVICE
VCC
(V)
VIO
(mV)
BW
(MHz)
SLEW RATE
(V/
µs)
ICC/ch
(
µA)
RAIL-TO-RAIL
TLV240x‡
2.5–16
0.390
0.005
0.002
0.880
I/O
TLV224x
2.5–12
0.600
0.005
0.002
1
I/O
TLV2211
2.7–10
0.450
0.065
0.025
13
O
TLV245x
2.7–6
0.020
0.22
0.110
23
I/O
TLV225x
2.7–8
0.200
0.2
0.12
35
O
† All specifications are typical values measured at 5 V.
‡ This device also offers 18-V reverse battery protection and 5-V over-the-rail operation on the inputs.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
02
46
8
10
12
14
16
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
AV = 1
VIN = VCC / 2
TA = 25 °C
Operational Amplifier
–
+
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLV2401CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2401CD TI-TLV2401CD Datasheet
391Kb / 23P
FAMILY OF 900-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2401CDBV TI-TLV2401CDBV Datasheet
391Kb / 23P
FAMILY OF 900-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
More results

Similar Description - TLV2401CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2401 TI-TLV2401 Datasheet
391Kb / 23P
FAMILY OF 900-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LPV511 NSC-LPV511 Datasheet
836Kb / 14P
880 nA, Rail-to-Rail Input and Output Operational Amplifier
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2241 TI1-TLV2241 Datasheet
657Kb / 22P
FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2402-Q1 TI1-TLV2402-Q1 Datasheet
767Kb / 22P
FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2241CDG4 TI-TLV2241CDG4 Datasheet
861Kb / 22P
FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2401-Q1 TI-TLV2401-Q1_15 Datasheet
920Kb / 23P
FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com