Electronic Components Datasheet Search
  English  ▼

X  

TLV2401CD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2401CD
Description  FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2401CD Datasheet(HTML) 2 Page - Texas Instruments

  TLV2401CD Datasheet HTML 1Page - Texas Instruments TLV2401CD Datasheet HTML 2Page - Texas Instruments TLV2401CD Datasheet HTML 3Page - Texas Instruments TLV2401CD Datasheet HTML 4Page - Texas Instruments TLV2401CD Datasheet HTML 5Page - Texas Instruments TLV2401CD Datasheet HTML 6Page - Texas Instruments TLV2401CD Datasheet HTML 7Page - Texas Instruments TLV2401CD Datasheet HTML 8Page - Texas Instruments TLV2401CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TLV2401, TLV2402, TLV2404
FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
SLOS244B – FEBRUARY 2000 – REVISED NOVEMBER 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2401 AVAILABLE OPTIONS
V
max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE†
(D)
SOT-23†
(DBV)
SYMBOLS
PLASTIC DIP
(P)
0
°C to 70°C
1500
µV
TLV2401CD
TLV2401CDBV
VAWC
—
-40
°C to 125°C
1500
µV
TLV2401ID
TLV2401IDBV
VAWI
TLV2401IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g.,
TLV2401CDR).
TLV2402 AVAILABLE OPTIONS
V
max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE†
(D)
MSOP†
(DGK)
SYMBOLS
PLASTIC DIP
(P)
0
°C to 70°C
1500
µV
TLV2402CD
TLV2402CDGK
xxTIAIX
—
–40
°C to 125°C
1500
µV
TLV2402ID
TLV2402IDGK
xxTIAIY
TLV2402IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g.,
TLV2402CDR).
TLV2404 AVAILABLE OPTIONS
V
max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE†
(D)
PLASTIC DIP
(N)
TSSOP
(PW)
0
°C to 70°C
1500
µV
TLV2404CD
TLV2404CN
TLV2404CPW
–40
°C to 125°C
1500
µV
TLV2404ID
TLV2404IN
TLV2404IPW
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part
number (e.g., TLV2404CDR).
TLV240x PACKAGE PINOUTS
3
2
4
5
(TOP VIEW)
1
OUT
GND
IN+
VCC
IN –
TLV2401
DBV PACKAGE
NC – No internal connection
1
2
3
4
8
7
6
5
NC
IN –
IN +
GND
NC
VCC
OUT
NC
TLV2401
D OR P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
GND
VCC
2OUT
2IN –
2IN+
TLV2402
D, DGK, OR P PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN+
VCC
2IN+
2IN –
2OUT
4OUT
4IN –
4IN+
GND
3IN+
3IN –
3OUT
(TOP VIEW)
TLV2404
D, N, OR PW PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com