Electronic Components Datasheet Search
  English  ▼

X  

TPS84A20 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS84A20
Description  2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS84A20 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS84A20 Datasheet HTML 9Page - Texas Instruments TPS84A20 Datasheet HTML 10Page - Texas Instruments TPS84A20 Datasheet HTML 11Page - Texas Instruments TPS84A20 Datasheet HTML 12Page - Texas Instruments TPS84A20 Datasheet HTML 13Page - Texas Instruments TPS84A20 Datasheet HTML 14Page - Texas Instruments TPS84A20 Datasheet HTML 15Page - Texas Instruments TPS84A20 Datasheet HTML 16Page - Texas Instruments TPS84A20 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TPS84A20
www.ti.com
SLVSBC6 – MARCH 2013
Table 4. Recommended Input/Output Capacitors(1)
CAPACITOR CHARACTERISTICS
WORKING
VENDOR
SERIES
PART NUMBER
CAPACITANCE
ESR (2)
VOLTAGE
(µF)
(m
Ω)
(V)
Murata
X5R
GRM32ER61E226K
25
22
2
TDK
X5R
C3225X5R0J107M
6.3
100
2
TDK
X5R
C3225X5R0J476K
6.3
47
2
Murata
X5R
GRM32ER60J107M
6.3
100
2
Murata
X5R
GRM32ER60J476M
6.3
47
2
Panasonic
EEH-ZA
EEH-ZA1E101XP
25
100
30
Sanyo
POSCAP
16TQC68M
16
68
50
Kemet
T520
T520V107M010ASE025
10
100
25
Sanyo
POSCAP
10TPE220ML
10
220
25
Sanyo
POSCAP
6TPE100MI
6.3
100
25
Sanyo
POSCAP
2R5TPE220M7
2.5
220
7
Kemet
T530
T530D227M006ATE006
6.3
220
6
Kemet
T530
T530D337M006ATE010
6.3
330
10
Sanyo
POSCAP
2TPF330M6
2.0
330
6
Sanyo
POSCAP
6TPE330MFL
6.3
330
15
(1)
Capacitor Supplier Verification, RoHS, Lead-free and Material Details
Consult capacitor suppliers regarding availability, material composition, RoHS and lead-free status, and manufacturing process
requirements for any capacitors identified in this table.
(2)
Maximum ESR @ 100kHz, 25°C.
Transient Response
Table 5. Output Voltage Transient Response
CIN1 = 3x 47 µF CERAMIC, CIN2 = 100 µF POLYMER-TANTALUM
VOLTAGE DEVIATION (mV)
RECOVERY TIME
VOUT (V)
VIN (V)
COUT1 Ceramic
COUT2 BULK
2.5 A LOAD STEP,
5 A LOAD STEP,
(µs)
(1 A/µs)
(1 A/µs)
5
500 µF
220 µF
25
60
100
0.6
12
500 µF
220 µF
30
65
100
300 µF
220 µF
40
85
100
5
300 µF
470 µF
35
70
110
0.9
300 µF
220 µF
45
90
100
12
300 µF
470 µF
35
75
110
200 µF
220 µF
55
110
110
5
200 µF
470 µF
45
90
110
1.2
200 µF
220 µF
55
110
110
12
200 µF
470 µF
45
90
110
200 µF
220 µF
70
140
130
5
200 µF
470 µF
60
120
140
1.8
200 µF
220 µF
70
145
140
12
200 µF
470 µF
55
120
150
5
100 µF
220 µF
115
230
200
3.3
12
100 µF
220 µF
120
240
200
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS84A20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com