Electronic Components Datasheet Search
  English  ▼

X  

TPS84A20 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS84A20
Description  2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS84A20 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS84A20 Datasheet HTML 13Page - Texas Instruments TPS84A20 Datasheet HTML 14Page - Texas Instruments TPS84A20 Datasheet HTML 15Page - Texas Instruments TPS84A20 Datasheet HTML 16Page - Texas Instruments TPS84A20 Datasheet HTML 17Page - Texas Instruments TPS84A20 Datasheet HTML 18Page - Texas Instruments TPS84A20 Datasheet HTML 19Page - Texas Instruments TPS84A20 Datasheet HTML 20Page - Texas Instruments TPS84A20 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
TPS84A20
www.ti.com
SLVSBC6 – MARCH 2013
VIN and PVIN Input Voltage
The TPS84A20 allows for a variety of applications by using the VIN and PVIN pins together or separately. The
VIN voltage supplies the internal control circuits of the device. The PVIN voltage provides the input voltage to the
power converter system.
If tied together, the input voltage for the VIN pin and the PVIN pin can range from 4.5 V to 17 V. If using the VIN
pin separately from the PVIN pin, the VIN pin must be greater than 4.5 V, and the PVIN pin can range from as
low as 2.95 V to 17 V. When operating from a split rail, it is recommended to supply VIN from 5 V to 12 V, for
best performance. A voltage divider connected to the INH/UVLO pin can adjust either input voltage UVLO
appropriately. See the Programmable Undervoltage Lockout (UVLO) section of this datasheet for more
information.
3.3 V PVIN Operation
Applications operating from a PVIN of 3.3 V must provide at least 4.5 V for VIN. It is recommended to supply VIN
from 5 V to 12 V, for best performance. See application note, SLVA561 for help creating 5 V from 3.3 V using a
small, simple charge pump device.
Power Good (PWRGD)
The PWRGD pin is an open drain output. Once the voltage on the SENSE+ pin is between 95% and 104% of the
set voltage, the PWRGD pin pull-down is released and the pin floats. The recommended pull-up resistor value is
between 10 k
Ω and 100 kΩ to a voltage source that is 5.5 V or less. The PWRGD pin is in a defined state once
VIN is greater than 1.0 V, but with reduced current sinking capability. The PWRGD pin achieves full current
sinking capability once the VIN pin is above 4.5V. The PWRGD pin is pulled low when the voltage on SENSE+ is
lower than 91% or greater than 108% of the nominal set voltage. Also, the PWRGD pin is pulled low if the input
UVLO or thermal shutdown is asserted, the INH pin is pulled low, or the SS/TR pin is below 1.4 V.
Light Load Efficiency (LLE)
The TPS84A20 operates in pulse skip mode at light load currents to improve efficiency and decrease power
dissipation by reducing switching and gate drive losses.
These pulses may cause the output voltage to rise when there is no load to discharge the energy. For output
voltages < 1.5 V, a minimum load is required. The amount of required load can be determined by Equation 2. In
most cases the minimum current drawn by the load circuit will be enough to satisfy this load. Applications
requiring a load resistor to meet the minimum load, the added power dissipation will be
≤ 3.6 mW. A single 0402
size resistor across VOUT and PGND can be used.
(2)
When VOUT = 0.6 V and RSET = OPEN, the minimum load current is 600 µA.
SYNC_OUT
The TPS84A20 provides a 180° out-of-phase clock signal for applications requiring synchronization. The
SYNC_OUT pin produces a 50% duty cycle clock signal that is the same frequency as the device's switching
frequency, but is 180° out of phase. Operating two devices 180° out of phase reduces input and output voltage
ripple. The SYNC_OUT clock signal is compatible with other TPS84K devices that have a CLK input.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS84A20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com