Electronic Components Datasheet Search
  English  ▼

X  

FX026 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # FX026
Description  22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FX026 Datasheet(HTML) 7 Page - Texas Instruments

Back Button FX026 Datasheet HTML 3Page - Texas Instruments FX026 Datasheet HTML 4Page - Texas Instruments FX026 Datasheet HTML 5Page - Texas Instruments FX026 Datasheet HTML 6Page - Texas Instruments FX026 Datasheet HTML 7Page - Texas Instruments FX026 Datasheet HTML 8Page - Texas Instruments FX026 Datasheet HTML 9Page - Texas Instruments FX026 Datasheet HTML 10Page - Texas Instruments FX026 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TPS51362
www.ti.com
SLUSBB6A – FEBRUARY 2013 – REVISED JUNE 2013
PIN FUNCTIONS
NAME
NO.
I/O/P(1)
DESCRIPTION
Power supply for internal high side MOSFET. Connect a 0.1-µF bootstrap capacitor between this pin and
BST
5
I
SW pin.
EN
28
I
Enable signal, 1.05-V logic compatible.
GND
19
—
General device ground.
GSNS
23
O
GND sense input. Connect GSNS to general/system ground or GND sensing point at the output return.
LP#
2
I
Low power signal (active low) to indicate the converter entering ULQ™ mode. 1.05-V logic compatible.
MODE
3
I
Frequency (800 kHz) programmable input (see Table 2).
NC
4
—
Not connected.
NU
27
—
Not used for external applications.
10
11
PGND
12
—
Power ground. Connect to the system ground.
13
14
PGOOD
1
O
PGOOD output. Connect a pull-up resistor with a value of 100 k
Ω to this pin.
Power
29
—
Connect to system ground by multiple vias.
PAD
REFIN
25
I
Target output voltage input pin. 0.6 V to 2 V, 1.05 V/1.2 V built-in (GND and Open) (see Table 1).
REFIN2
24
I
Tie to GND or float. This input is used to determine the fixed voltage setpoint (see Table 1).
SLEW
21
O
Connect a capacitor between this pin and GND for soft start and integrator functions.
6
7
SW
O
Switching node output. Connect external inductor.
8
9
TRIP
20
I
OCL programmable input (see Table 3).
V5
18
I
5-V power supply for analog circuits and gate driver.
15
I
VIN
16
I
Power supply input pin. Apply 3-V to 22-V of supply voltage.
17
I
VREF
26
O
2-V reference output. Connect a 0.1-µF ceramic capacitor between this pin and the GNDS pin.
VSNS
22
I
Output voltage sense input.
(1)
I = Input, O = Output, P = Power, G = Ground
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS51362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com