Electronic Components Datasheet Search
  English  ▼

X  

FX026 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # FX026
Description  22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FX026 Datasheet(HTML) 10 Page - Texas Instruments

Back Button FX026 Datasheet HTML 6Page - Texas Instruments FX026 Datasheet HTML 7Page - Texas Instruments FX026 Datasheet HTML 8Page - Texas Instruments FX026 Datasheet HTML 9Page - Texas Instruments FX026 Datasheet HTML 10Page - Texas Instruments FX026 Datasheet HTML 11Page - Texas Instruments FX026 Datasheet HTML 12Page - Texas Instruments FX026 Datasheet HTML 13Page - Texas Instruments FX026 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
100
1k
10k
100k
1M
−60
−40
−20
0
20
40
60
80
−100
−50
0
50
100
150
200
250
300
350
400
450
Frequency (Hz)
Gain
Phase
Power Stage Design = 0.33µH + 6
× 22µF f
SW = 800kHz
IOUT = 10A
TA = 25°C
VIN = 12V
VOUT = 1.2V
G010
100
1k
10k
100k
1M
−60
−40
−20
0
20
40
60
80
−100
−50
0
50
100
150
200
250
300
350
400
450
Frequency (Hz)
Gain
Phase
Power Stage Design = 0.33µH + 6
× 22µF f
SW = 800kHz
IOUT = 10A
TA = 25°C
VIN = 12V
VOUT = 1.35V
G011
1.18
1.19
1.20
1.21
1.22
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.2V
G007
1.32
1.33
1.34
1.35
1.36
1.37
1.38
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.35V
G008
TPS51362
SLUSBB6A – FEBRUARY 2013 – REVISED JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
OUTPUT VOLTAGE
GAIN and PHASE
vs
vs
OUTPUT CURRENT
FREQUENCY
Figure 7.
Figure 8.
GAIN and PHASE
GAIN and PHASE
vs
vs
FREQUENCY
FREQUENCY
Figure 9.
Figure 10.
OUTPUT VOLTAGE RIPPLE
OUTPUT VOLTAGE RIPPLE
vs
vs
OUTPUT CURRENT (IOUT = 0.1A)
OUTPUT CURRENT (IOUT = 1A)
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com