Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM2576
Description  3A, 52kHz, Step-Down Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2576 Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM2576 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3A, 52kHz, Step-Down Switching Regulator
LM2576
Dec 2011 – Rev. 1.3
- 3
-
HTC
PIN CONFIGURATION
SOP8-PP
TO220-5L
TO263-5L
PIN DESCRIPTION
Package
Symbol
Description
TO-220 5L
TO-263 5L
SOP8-PP
1
1
VIN
This pin is the positive input supply for the LM2576 step–down
switching regulator.
In order to minimize voltage transients and to supply the switching
currents needed by the regulator, a suitable input bypass capacitor
must be present. (Cin in Figure 1).
2
2
VOUT
This is the emitter of the internal switch. The saturation voltage
VSAT of this output switch is typically 1.5V. It should be kept in mind
that the PCB area connected to this pin should be kept to a
minimum in order to minimize coupling to sensitive circuitry.
3
6
GND
Circuit ground pin. See the information about the printed circuit
board layout.
4
3
FEEDBACK
This pin senses regulated output voltage to complete the feedback
loop.
The signal is divided by the internal resistor divider network R2, R1
and applied to the non–inverting input of the internal error amplifier.
In the adjustable version of the LM2576 switching regulator this pin
is the direct input of the error amplifier and the resistor network R2,
R1 is connected externally to allow programming of the output
voltage.
5
4
ON/OFF
It allows the switching regulator circuit to be shutdown using logic
level signals, thus dropping the total input supply current to
approximately 80uA.
The threshold voltage is typically 1.4V. Applying a voltage above
this value (up to +Vin) shuts the regulator off. If the voltage applied
to this pin is lower than 1.4V or if this pin is left open, the regulator
will be in the "on" condition
-
5, 7, 8
N.C.
No Connect.
* Exposed Pad of SOP8-PP package should be externally connected to GND.
Exposed
PAD
VIN 1
VOUT 2
FEEDBACK 3
ON/OFF 4
8 N.C
7 N.C
6 GND
5 N.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com