Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM2576
Description  3A, 52kHz, Step-Down Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2576 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM2576 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
3A, 52kHz, Step-Down Switching Regulator
LM2576
Dec 2011 – Rev. 1.3
- 1
-
HTC
FEATURES
3.3V, 5.0V, 12V and Adjustable Output Versions
Adjustable Version Output Voltage Range, 1.23 to 37V
+/- 4% AG10Maximum Over Line and Load Conditions
Guaranteed 3.0A Output Current
Wide Input Voltage Range
Requires Only 4 External Components
52kHz Fixed Frequency Internal Oscillator
TTL Shutdown Capability, Low Power Standby Mode
High Efficiency
Uses Readily Available Standard Inductors
Thermal Shutdown and Current Limit Protection
Moisture Sensitivity Level 3 for SMD packages
APPLICATION
Simple High-Efficiency Step-Down(Buck) Regulator
Efficient Pre-Regulator for Linear Regulators
On-Card Switching Regulators
Positive to Negative Converter(Buck-Boost)
Negative Step-Up Converters
Power Supply for Battery Chargers
SOP8-PP PKG
TO-220 PKG
TO-263 PKG
ORDERING INFORMATION
Device
Marking
Package
LM2576DP-X.X
LM2576-X.X
SOP8-PP
LM2576T-X.X
LM2576-X.X
TO-220
LM2576R-X.X
LM2576-X.X
TO-263
DESCRIPTION
The LM2576 series of regulators are monolithic integrated circuits ideally suited for easy and convenient
design of a step-down switching regulator (buck converter).
All circuits of this series are capable of driving a 3.0A load with excellent line and load regulation. These
devices are available in fixed output voltages of 3.3V, 5.0V, 12V and an adjustable output version.
These regulators were designed to minimize the number of external components to simplify the power supply
design. Standard series of inductors optimized for use with the LM2576 are offered by several different inductor
manufacturers.
Since the LM2576 converter is a switch-mode power supply, its efficiency is significantly higher in comparison
with popular three-terminal linear regulators, especially with higher input voltages.
In many cases, the power dissipated is so low that no heatsink is required or its size could be reduced
dramatically. A standard series of inductors optimized for use with the LM2576 are available from several
different manufacturers. This feature greatly simplifies the design of switch-mode power supplies. The LM2576
features include a guaranteed +/- 4% tolerance on output voltage within specified input voltages and output
load conditions, and +/-10% on the oscillator frequency (+/- 2% over 0˚C to 125˚C).
External shutdown is included, featuring 80㎂(typical) standby current. The output switch includes cycle-
bycycle current limiting, as well as thermal shutdown for full protection under fault conditions.


Similar Part No. - LM2576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576 ONSEMI-LM2576 Datasheet
417Kb / 26P
EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Semtech Corporation
LM2576 SEMTECH-LM2576 Datasheet
441Kb / 19P
1A & 3A Miniconverter Switching Regulators
logo
Micrel Semiconductor
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
52kHz Simple 3A Buck Voltage Regulator
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
3.0A, 15V, Step-Down Switching Regulator
More results

Similar Description - LM2576

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT2576M WEITRON-WT2576M Datasheet
962Kb / 11P
3A Step-down Voltage Regulator Power Converter 52kHz
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
3A / 52KHz Buck Switching Regulator
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
3A / 52KHz Buck Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
1A, 52kHz, Step-Down Switching Regulator
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
3.0A, 52kHz, Step-Down Switching Regulator
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576 TECHPUBLIC-LM2576 Datasheet
2Mb / 6P
3A / 52kHz Step-Down DC-DC Converter
LM2576 TECHPUBLIC-LM2576_V01 Datasheet
2Mb / 6P
3A / 52kHz Step-Down DC-DC Converter
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
3A | 52kHz Step-Down Switching Regulator
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
3A | 52kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com