Electronic Components Datasheet Search
  English  ▼

X  

PCT2075DP Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCT2075DP
Description  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075DP Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCT2075DP Datasheet HTML 29Page - NXP Semiconductors PCT2075DP Datasheet HTML 30Page - NXP Semiconductors PCT2075DP Datasheet HTML 31Page - NXP Semiconductors PCT2075DP Datasheet HTML 32Page - NXP Semiconductors PCT2075DP Datasheet HTML 33Page - NXP Semiconductors PCT2075DP Datasheet HTML 34Page - NXP Semiconductors PCT2075DP Datasheet HTML 35Page - NXP Semiconductors PCT2075DP Datasheet HTML 36Page - NXP Semiconductors PCT2075DP Datasheet HTML 37Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 19 July 2013
34 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
16. Abbreviations
17. Revision history
Table 24.
Abbreviations
Acronym
Description
A-to-D
Analog-to-Digital
CDM
Charged Device Model
ESD
ElectroStatic Discharge
HBM
Human Body Model
I2C-bus
Inter-Integrated Circuit bus
I/O
Input/Output
LSB
Least Significant Bit
LSByte
Least Significant Byte
MSB
Most Significant Bit
MSByte
Most Significant Byte
PCB
Printed-Circuit Board
POR
Power-On Reset
Table 25.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCT2075 v.4
20130719
Product data sheet
-
PCT2075 v.3
Modifications:
• Table 9 “Pointer value”: value of B0 for Idle register (Tidle) is corrected from “1” to “0”
(this is a correction to documentation only; no change to device)
• Figure 7 modified to identify and allow better explanation of bits B6 to B0
• Figure 8 modified to identify and allow better explanation of bits B6 to B0
• Figure 9 modified to identify and allow better explanation of bits B6 to B0
• Figure 10 modified to identify and allow better explanation of bits B6 to B0
• Figure 11 modified to identify and allow better explanation of bits B6 to B0
• Figure 12 modified to identify and allow better explanation of bits B6 to B0
• Table 20 “Static characteristics”, ICC(AV), condition ‘normal mode: I2C-bus active; fSCL = 1000 kHz’:
Typ value changed from “-” to “200
A”
PCT2075 v.3
20130521
Product data sheet
-
PCT2075 v.2
PCT2075 v.2
20130506
Product data sheet
-
PCT2075 v.1
PCT2075 v.1
20130405
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com