Electronic Components Datasheet Search
  English  ▼

X  

PCT2075DP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCT2075DP
Description  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075DP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCT2075DP Datasheet HTML 5Page - NXP Semiconductors PCT2075DP Datasheet HTML 6Page - NXP Semiconductors PCT2075DP Datasheet HTML 7Page - NXP Semiconductors PCT2075DP Datasheet HTML 8Page - NXP Semiconductors PCT2075DP Datasheet HTML 9Page - NXP Semiconductors PCT2075DP Datasheet HTML 10Page - NXP Semiconductors PCT2075DP Datasheet HTML 11Page - NXP Semiconductors PCT2075DP Datasheet HTML 12Page - NXP Semiconductors PCT2075DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 19 July 2013
9 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
7.4 Register list
The PCT2075 contains four data registers beside the pointer register as listed in Table 7.
The pointer value, read/write capability and default content at power-up of the registers
are also shown in Table 7.
24
1
1
floating
0101 111
25
0
floating
floating
0110 101
26
1
floating
floating
0110 110
27
floating
floating
floating
0110 111
Table 6.
PCT2075 address table (TSOP6 package)
No.
Address pin coding
Slave address
A0
1
0
1001 000
2
float
1001 001
3
1
1001 010
Table 5.
PCT2075 address table (SO8, TSSOP8, HWSON8 packages) …continued
No.
Address pin coding
Slave address
A2
A1
A0
Table 7.
Register table
Register
name
Pointer
value
R/W
POR
state
Description
Conf
01h
R/W
00h
Configuration register: contains a single 8-bit data
byte; to set the device operating condition; default = 0.
Temp
00h
read only
0000h
Temperature register: contains two 8-bit data bytes;
to store the measured Temp data.
Tos
03h
R/W
5000h
Overtemperature shutdown threshold register:
contains two 8-bit data bytes; to store the
overtemperature shutdown Tots limit; default = 80 C.
Thyst
02h
R/W
4B00h
Hysteresis register: contains two 8-bit data bytes;
to store the hysteresis Thys limit; default = 75 C.
Tidle
04h
R/W
00h
Temperature conversion cycle default to 100 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com