Electronic Components Datasheet Search
  English  ▼

X  

CHA7012 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA7012
Description  X-band HBT High Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA7012 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA7012 Datasheet HTML 1Page - United Monolithic Semiconductors CHA7012 Datasheet HTML 2Page - United Monolithic Semiconductors CHA7012 Datasheet HTML 3Page - United Monolithic Semiconductors CHA7012 Datasheet HTML 4Page - United Monolithic Semiconductors CHA7012 Datasheet HTML 5Page - United Monolithic Semiconductors CHA7012 Datasheet HTML 6Page - United Monolithic Semiconductors CHA7012 Datasheet HTML 7Page - United Monolithic Semiconductors CHA7012 Datasheet HTML 8Page - United Monolithic Semiconductors CHA7012 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CHA7012
X-band High Power Amplifier
Ref. : DSCHA70129082- 23 March 09
2/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = 20°C, Vc=7.5V, Ic (Quiescent) = 1.9A, Pulse width=100µs, Duty cycle = 20%
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency
9.2
10.4
GHz
G
Small signal gain
17.5
20
23
dB
G_T
Small signal gain variation versus
temperature
-0.025
dB/°C
RLin
Input Return Loss
8
10
dB
RLout
Output Return Loss
8
12
dB
Psat
Saturated output power
39.5
dBm
Psat_T
Saturated output power variation versus
temperature
-0.01
dB/°C
P_3dBc
Output power @ 3dBc (3)
38
38.5
dBm
PAE_3dBc
Power Added Efficiency @ 3dBc
34
38
%
Vc
Power supply voltage (3)
7.5
8
V
Ic
Power supply quiescent current (1)
1.9
A
TI
TTL input voltage
0
5
V
I_TI
TTL input current
1
mA
Vctrl
Collector control voltage
5
V
Zctr
Vctrl input port impedance (2)
350
Ohm
Top
Operating temperature range
-40
+80
°C
(1)
Parameter tunable by Vctrl when control biasing circuit used.
(2)
This value corresponds to the 4 ports in parallel (Pin 4, 8, 14, 18)
(3)
0.5V variation on Vc leads to around 0.4dB variation of the output power (impact on
robustness see Maximum ratings)
Absolute Maximum Ratings (1)
Tamb = 20°C
Symbol
Parameter
Values
Unit
Cmp
Compression level (2)
6
dBc
Vc
Power supply voltage with RF
8
V
Ic
Power supply quiescent current
2.8
A
Ic_sat
Power supply current in saturation
3.5
A
Vctrl
Collector current control voltage
6.5
V
Tj
Maximum junction temperature
175
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) For higher compression the level limit can be increased by decreasing the voltage Vc using
the rate 0.5 V / dBc
Equivalent Thermal resistance to Backside: 6°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com