Electronic Components Datasheet Search
  English  ▼

X  

CHA7012 Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHA7012
Description  X-band HBT High Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA7012 Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHA7012 Datasheet HTML 2Page - United Monolithic Semiconductors CHA7012 Datasheet HTML 3Page - United Monolithic Semiconductors CHA7012 Datasheet HTML 4Page - United Monolithic Semiconductors CHA7012 Datasheet HTML 5Page - United Monolithic Semiconductors CHA7012 Datasheet HTML 6Page - United Monolithic Semiconductors CHA7012 Datasheet HTML 7Page - United Monolithic Semiconductors CHA7012 Datasheet HTML 8Page - United Monolithic Semiconductors CHA7012 Datasheet HTML 9Page - United Monolithic Semiconductors CHA7012 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CHA7012
X-band High Power Amplifier
Ref. : DSCHA70129082- 23 March 09
8/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Mechanical Data and Pin references
Chip thickness = 100µm +/- 10 µm
RF pads (1, 12) = 96 x 196µm²
DC pads (2, 3, 4, 5, 9,15, 19, 20, 21, 22) = 96 x 96µm²
DC pads (7, 17) = 192 x 96µm²
DC pads (11, 13) = 288 x 96µm²
Pin number
Pin name
Description
1
IN
Input RF
8, 16
NC
5, 9, 15, 19
Vctrl
Collector current control voltage
2, 22
TI
TTL input
4, 20
TO
TTL output
6, 10, 14, 18
GND
Ground (NC)
3, 7, 11, 13, 17, 21
V,Vc1,Vc2
Power supply voltage
12
OUT
Output RF
2 3 4
5
6
7
8
9 10
11
22 21 20
19 18
17
16 15 14
13



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com