Electronic Components Datasheet Search
  English  ▼

X  

AD8016ARBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8016ARBZ
Description  Low Power, High Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016ARBZ Datasheet(HTML) 5 Page - Analog Devices

  AD8016ARBZ Datasheet HTML 1Page - Analog Devices AD8016ARBZ Datasheet HTML 2Page - Analog Devices AD8016ARBZ Datasheet HTML 3Page - Analog Devices AD8016ARBZ Datasheet HTML 4Page - Analog Devices AD8016ARBZ Datasheet HTML 5Page - Analog Devices AD8016ARBZ Datasheet HTML 6Page - Analog Devices AD8016ARBZ Datasheet HTML 7Page - Analog Devices AD8016ARBZ Datasheet HTML 8Page - Analog Devices AD8016ARBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AD8016
Data Sheet
Rev. C | Page 4 of 20
@ 25°C, VS = ±6 V, RL = 100 Ω, PWDN0, PWDN1 = (1, 1), TMIN = –40°C, TMAX = +85°C, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +1, RF = 1.5 kΩ, VOUT = 0.2 V p-p
320
MHz
G = +5, RF = 499 Ω, VOUT < 0.5 V p-p
70
71
MHz
Bandwidth for 0.1 dB Flatness
G = +5, RF = 499 Ω, VOUT = 0.2 V p-p
10
15
MHz
Large Signal Bandwidth
VOUT = 1 V rms
80
MHz
Peaking
VOUT = 0.2 V p-p < 50 MHz
0.7
1.0
dB
Slew Rate
VOUT = 4 V p-p, G = +2
300
V/μs
Rise and Fall Time
VOUT = 2 V p-p
2
ns
Settling Time
0.1%, VOUT = 2 V p-p
39
ns
Input Overdrive Recovery Time
VOUT = 6.5 V p-p
350
ns
NOISE/DISTORTION PERFORMANCE
Distortion, Single-Ended
G = +5, VOUT = 2 V p-p, RF = 499 Ω
Second Harmonic
fC = 1 MHz, RL = 100 Ω/25 Ω
−73/61
−75/−63
dBc
Third Harmonic
fC = 1 MHz, RL = 100 Ω/25 Ω
−80/−68
−82/−70
dBc
Multitone Power Ratio1
26 kHz to 138 kHz, ZLINE = 100 Ω, PLINE = 13 dBm
−68
dBc
IMD
500 kHz, Δf = 110 kHz, RL = 100 Ω/25 Ω
−87/−82
−88/−83
dBc
IP3
500 kHz
42/39
42/39
dBm
Voltage Noise (RTI)
f = 10 kHz
4
5
nV/√Hz
Input Current Noise
f = 10 kHz
17
20
pA√Hz
INPUT CHARACTERISTICS
RTI Offset Voltage
−3.0
0.2
+3.0
mV
+Input Bias Current
−25
10
+25
μA
−Input Bias Current
−30
10
+30
μA
Input Resistance
400
kΩ
Input Capacitance
2
pF
Input Common-Mode Voltage Range
−4
+4
V
Common-Mode Rejection Ratio
60
66
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Single-Ended, RL = 100 Ω
−5
+5
V
Linear Output Current
G = +5, RL = 5 Ω, f = 100 kHz, −60 dBc SFDR
300
420
mA
Short-Circuit Current
830
mA
Capacitive Load Drive
RS = 10 Ω
50
pF
POWER SUPPLY
Quiescent Current
PWDN1, PWDN0 = (1, 1)
8
9.7
mA/Amp
PWDN1, PWDN0 = (1, 0)
6
6.9
mA/Amp
PWDN1, PWDN0 = (0, 1)
4
5.0
mA/Amp
PWDN1, PWDN0 = (0, 0)
3
4.1
mA/Amp
Recovery Time
To 95% of IQ
23
μs
Shutdown Current
250 μA out of bias pin
1.0
2.0
mA/Amp
Power Supply Rejection Ratio
ΔVS = ±1 V
63
80
dB
OPERATING TEMPERATURE RANGE
−40
+85
°C
1
See Figure 48, R20, R21 = 0 Ω, R1 = open.
LOGIC INPUTS (CMOS COMPATIBLE LOGIC)
PWDN0, PWDN1, VCC = ±12 V or ±6 V; full temperature range.
Table 3.
Parameter
Min
Typ
Max
Unit
Logic 1 Voltage
2.2
VCC
V
Logic 0 Voltage
0
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com