Electronic Components Datasheet Search
  English  ▼

X  

AD8016ARBZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8016ARBZ
Description  Low Power, High Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016ARBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8016ARBZ Datasheet HTML 9Page - Analog Devices AD8016ARBZ Datasheet HTML 10Page - Analog Devices AD8016ARBZ Datasheet HTML 11Page - Analog Devices AD8016ARBZ Datasheet HTML 12Page - Analog Devices AD8016ARBZ Datasheet HTML 13Page - Analog Devices AD8016ARBZ Datasheet HTML 14Page - Analog Devices AD8016ARBZ Datasheet HTML 15Page - Analog Devices AD8016ARBZ Datasheet HTML 16Page - Analog Devices AD8016ARBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AD8016
Data Sheet
Rev. C | Page 12 of 20
Figure 36. Negative Overdrive Recovery; VS = ±12 V, G = +5, RL = 100 Ω
Figure 37. IQ vs. IBIAS Current; VS = ±12 V
Figure 38. IQ vs. IBIAS Current; VS = ±6 V
Figure 39. Output Voltage vs. RLOAD
–100
100
200
300
400
500
600
700
800
900
0
TIME (ns)
VIN
VOUT
0V
0V
VIN = 2V/DIV
VOUT = 5V/DIV
IBIAS (µA)
25
0
20
15
10
5
0
50
100
150
200
(0,1)
(0,0)
(1,0)
PWDN1, PWDN0 = (1,1)
IBIAS (µA)
18
0
16
14
12
10
8
50
100
150
200
6
4
2
0
(1,0)
(0,1)
(0,0)
PWDN1, PWDN0 = (1,1)
RLOAD (Ω)
12
8
10
100
1k
10k
4
0
–4
–8
–12
+VOUT, VS = ±12V
+VOUT, VS = ±6V
–VOUT, VS = ±12V
–VOUT, VS = ±6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com