Electronic Components Datasheet Search
  English  ▼

X  

AD7680 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7680
Description  16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680 Datasheet(HTML) 5 Page - Analog Devices

  AD7680 Datasheet HTML 1Page - Analog Devices AD7680 Datasheet HTML 2Page - Analog Devices AD7680 Datasheet HTML 3Page - Analog Devices AD7680 Datasheet HTML 4Page - Analog Devices AD7680 Datasheet HTML 5Page - Analog Devices AD7680 Datasheet HTML 6Page - Analog Devices AD7680 Datasheet HTML 7Page - Analog Devices AD7680 Datasheet HTML 8Page - Analog Devices AD7680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7684
Rev. A | Page 5 of 16
TIMING SPECIFICATIONS
VDD = 2.7 V to 5.5 V, TA = −40°C to +85°C, unless otherwise noted.
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
Throughput Rate
tCYC
100
kHz
CS Falling to DCLOCK Low
tCSD
0
μs
CS Falling to DCLOCK Rising
tSUCS
20
ns
DCLOCK Falling to Data Remains Valid
tHDO
5
16
ns
CS Rising Edge to DOUT High Impedance
tDIS
14
100
ns
DCLOCK Falling to Data Valid
tEN
16
50
ns
Acquisition Time
tACQ
400
ns
DOUT Fall Time
tF
11
25
ns
DOUT Rise Time
tR
11
25
ns
Timing Diagrams
DOUT
DCLOCK
COMPLETE CYCLE
POWER DOWN
CS
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(MSB)
(LSB)
Hi-Z
0
Hi-Z
tACQ
tDIS
0
14
5
tHDO
tEN
tCSD
tSUCS
tCYC
NOTE:
A MINIMUM OF 22 CLOCK CYCLES ARE REQUIRED FOR 16-BIT CONVERSION. SHOWN ARE 24 CLOCK CYCLES.
DOUT GOES LOW ON THE DCLOCK FALLING EDGE FOLLOWING THE LSB READING.
Figure 2. Serial Interface Timing
500
μAI
OL
500
μAI
OH
1.4V
TO DOUT
CL
100pF
Figure 3. Load Circuit for Digital Interface Timing
0.8V
2V
2V
0.8V
0.8V
2V
tDELAY
tDELAY
Figure 4. Voltage Reference Levels for Timing
DOUT
90%
10%
tR
tF
Figure 5. DOUT Rise and Fall Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com