Electronic Components Datasheet Search
  English  ▼

X  

AD7680 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7680
Description  16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7680 Datasheet HTML 6Page - Analog Devices AD7680 Datasheet HTML 7Page - Analog Devices AD7680 Datasheet HTML 8Page - Analog Devices AD7680 Datasheet HTML 9Page - Analog Devices AD7680 Datasheet HTML 10Page - Analog Devices AD7680 Datasheet HTML 11Page - Analog Devices AD7680 Datasheet HTML 12Page - Analog Devices AD7680 Datasheet HTML 13Page - Analog Devices AD7680 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7684
Rev. A | Page 10 of 16
13
14
15
16
17
80
85
90
95
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
REFERENCE VOLTAGE (V)
S/[N+D]
SNR
ENOB
Figure 13. SNR, SINAD, and ENOB vs. Reference Voltage
70
75
80
85
90
95
100
0
50
100
150
200
FREQUENCY (kHz)
VREF = 5V, –1dB
VREF = 2.5V, –1dB
VREF = 5V, –10dB
Figure 14. SINAD vs. Frequency
–115
–110
–105
–100
–95
–90
–85
–80
0
40
80
120
160
200
FREQUENCY (kHz)
VREF = 2.5V, –1dB
VREF = 5V, –1dB
Figure 15. THD vs. Frequency
0
200
400
600
800
1000
1200
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY (V)
fS = 100kSPS
Figure 16. Operating Current vs. Supply
0
200
400
600
800
1000
TEMPERATURE (
°C)
–55
–35
–15
5
25
45
65
85
105
125
VDD = 5V
VDD = 2.7V
Figure 17. Operating Current vs. Temperature
0
250
500
750
1000
TEMPERATURE (
°C)
–55
–35
–15
5
25
45
65
85
105
125
Figure 18. Power-Down Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com