Electronic Components Datasheet Search
  English  ▼

X  

2N2219 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N2219
Description  SWITCHING SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2219 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N2219 Datasheet HTML 1Page - Comset Semiconductor 2N2219 Datasheet HTML 2Page - Comset Semiconductor 2N2219 Datasheet HTML 3Page - Comset Semiconductor 2N2219 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN 2N2218 – 2N2218A
2N2219 – 2N2219A
1 | 4
S
SW
WIIT
TC
CH
HIIN
NG
G S
SIIL
LIIC
CO
ON
N T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
The 2N2218-A and 2N2219-A are NPN transistors mounted in TO-39 metal case .
They are designed for high-speed switching applications and feature useful current gain over a
wide range of collector current, low leakage currents and low saturation voltages.
Compliance to RoHS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N2218
2N2219
2N2218
A
2N2219
A
VCEO
Collector-Emitter Voltage
30
40
V
VCBO
Collector-Base Voltage
60
75
V
VEBO
Emitter-Base Voltage
5
6
V
IC
Collector Current
800
mA
PD
Total Power Dissipation
Tamb = 25°
0.8
W
Tcase= 25°
3
TJ
Junction Temperature
175
°C
TStg
Storage Temperature range
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-a
Thermal Resistance, Junction to ambient in free air
50
°C/W
RthJ-c
Thermal Resistance, Junction to case
187.5
°C/W


Similar Part No. - 2N2219

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2219 PHILIPS-2N2219 Datasheet
55Kb / 8P
NPN switching transistors
1997 Sep 03
logo
STMicroelectronics
2N2219 STMICROELECTRONICS-2N2219 Datasheet
71Kb / 5P
HIGH-SPEED SWITCHES
Jan-1989
logo
Semicoa Semiconductor
2N2219 SEMICOA-2N2219 Datasheet
29Kb / 1P
Chip Type 2C2222A Geometry 0400 Polarity NPN
logo
Siemens Semiconductor G...
2N2219 SIEMENS-2N2219 Datasheet
155Kb / 6P
NPN Silicon Planar Transistors
logo
Fairchild Semiconductor
2N2219 FAIRCHILD-2N2219 Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
More results

Similar Description - 2N2219

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
SILICON NPN SWITCHING TRANSISTORS
Oct-1999
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
NPN Silicon Switching Transistors
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
NPN Silicon Switching Transistors
SMBT2907 SIEMENS-SMBT2907 Datasheet
178Kb / 6P
PNP Silicon Switching Transistors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_07 Datasheet
146Kb / 13P
NPN Silicon Switching Transistors
2007-09-20
logo
Comset Semiconductor
2N2221 COMSET-2N2221 Datasheet
84Kb / 4P
SWITCHING SILICON TRANSISTORS
logo
Continental Device Indi...
2N5320 CDIL-2N5320 Datasheet
194Kb / 4P
SILICON POWER SWITCHING TRANSISTORS
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
NPN Silicon Switching Transistors
2012-08-21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com