Electronic Components Datasheet Search
  English  ▼

X  

2N2219 Datasheet(PDF) 4 Page - Comset Semiconductor

Part # 2N2219
Description  SWITCHING SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2219 Datasheet(HTML) 4 Page - Comset Semiconductor

  2N2219 Datasheet HTML 1Page - Comset Semiconductor 2N2219 Datasheet HTML 2Page - Comset Semiconductor 2N2219 Datasheet HTML 3Page - Comset Semiconductor 2N2219 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NPN 2N2218 – 2N2218A
2N2219 – 2N2219A
16/10/2012
COMSET SEMICONDUCTORS
4 | 4
MECHANICAL DATA CASE TO-39
Revised August 2012
         
 
Information furnished is believed to be accurate and reliable. However, Comset Semiconductors assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may results from its use. Data are subject to change
without notice. Comset Semiconductors makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does Comset Semiconductors assume any liability arising out of the application or use of any product and specifically disclaims any and
all liability, including without limitation consequential or incidental damages. Comset Semiconductors’ products are not authorized for use as critical
components in life support devices or systems.
 
 
www.comsetsemi.com
info@comsetsemi.com
DIMENSIONS (mm)
min
max
A
8.50
9.39
B
7.74
8.50
C
6.09
6.60
D
0.40
0.53
E
-
0.88
F
2.41
2.66
G
4.82
5.33
H
0.71
0.86
J
0.73
1.02
K
12.70
-
L
42°
48°
Pin 1 :
Emitter
Pin 2 :
Base
Pin 3 :
Collector
Case :
Collector



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com