Electronic Components Datasheet Search
  English  ▼

X  

2N3019 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N3019
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3019 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N3019 Datasheet HTML 1Page - Comset Semiconductor 2N3019 Datasheet HTML 2Page - Comset Semiconductor 2N3019 Datasheet HTML 3Page - Comset Semiconductor 2N3019 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN 2N3019 – 2N3020
COMSET SEMICONDUCTORS
1/4
S
SIIL
LIIC
CO
ON
N P
PL
LA
AN
NA
AR
R E
EP
PIIT
TA
AX
XIIA
AL
L T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
The 2N3019 and 2N3020 are NPN transistors mounted in TO-39 metal case .
They are intended for high-current, high-frequency amplifier applications.
They feature high gain and low saturation voltages.
Compliance to RoHS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
2N3019
80
V
2N3020
VCBO
Collector-Base Voltage
2N3019
140
V
2N3020
VEBO
Emitter-Base Voltage
2N3019
7
V
2N3020
IC
Collector Current
2N3019
1
A
2N3020
PD
Total Power Dissipation
@ Tamb = 25°
2N3019
0.8
Watts
2N3020
PD
Total Power Dissipation
@ Tcase= 25°
2N3019
5
2N3020
TJ
Junction Temperature
2N3019
200
°C
2N3020
TStg
Storage Temperature range
2N3019
-65 to +200
°C
2N3020
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-a
Thermal Resistance, Junction to ambient in free
air
2N3019
35
°C/W
2N3020
RthJ-c
Thermal Resistance, Junction to case
2N3019
219
°C/W
2N3020


Similar Part No. - 2N3019

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3019 PHILIPS-2N3019 Datasheet
51Kb / 8P
NPN medium power transistor
1997 Jun 19
logo
STMicroelectronics
2N3019 STMICROELECTRONICS-2N3019 Datasheet
67Kb / 4P
HIGH CURRENT, HIGH FREQUENCY AMPLIFIERS
Nov-1997
logo
Seme LAB
2N3019 SEME-LAB-2N3019 Datasheet
17Kb / 2P
NPN SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N3019 SEMICOA-2N3019 Datasheet
31Kb / 1P
Chip Type 2C3019 Geometry 4500 Polarity PNP
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
Type 2N3019 Geometry 4500 Polarity NPN
More results

Similar Description - 2N3019

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com