Electronic Components Datasheet Search
  English  ▼

X  

2N6052 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N6052
Description  POWER COMPLEMENTARY SILICON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6052 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N6052 Datasheet HTML 1Page - Comset Semiconductor 2N6052 Datasheet HTML 2Page - Comset Semiconductor 2N6052 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP 2N6050 – 2N6051 – 2N6052
17/10/2012
COMSET SEMICONDUCTORS
1 | 3
P
PO
OW
WE
ER
R C
CO
OM
MP
PL
LE
EM
ME
EN
NT
TA
AR
RY
Y S
SIIL
LIIC
CO
ON
N T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
The 2N6050, 2N6051 and 2N6052 are silicon epitaxial-base transistors in monolithic Darlington
configuration mounted in Jedec TO-3 metal case.
They are inteded for use in power linear and low frequency switching applications.
The complementary NPN types are 2N6057, 2N6058 and 2N6059 respectively.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector-Base Voltage
IE=0
2N6050
-60
V
2N6051
-80
2N6052
-100
VCEO
Collector-EmitterVoltage
IB=0
2N6050
-60
V
2N6051
-80
2N6052
-100
VCEX
Collector-EmitterVoltage
VBE= 1.5 V
2N6050
-60
V
2N6051
-80
2N6052
-100
VEBO
Emitter-Base Voltage
IC=0
-5.0
V
IC
Collector Current
-12
A
ICM
Collector Peak Current
-20
A
IB
Base Current
-200
mA
PT
Power Dissipation
@ TC < 25°
150
W
TJ
Junction Temperature
200
°C
Ts
Storage Temperature
-65 to +200
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
1.17
°C/W


Similar Part No. - 2N6052

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6052 MOSPEC-2N6052 Datasheet
188Kb / 4P
POWER TRANSISTORS(12A,150W)
logo
ON Semiconductor
2N6052 ONSEMI-2N6052 Datasheet
190Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
March, 2001 ??Rev. 2
logo
Boca Semiconductor Corp...
2N6052 BOCA-2N6052 Datasheet
195Kb / 4P
DARLINGTON COMPLEMENTARY SILICON-POWER TRANSISTORS
logo
ON Semiconductor
2N6052 ONSEMI-2N6052 Datasheet
130Kb / 8P
Darlington Complementary Silicon Power Transistors
March, 2001 ??Rev. 2
logo
Micrel Semiconductor
2N6052 MICREL-2N6052 Datasheet
57Kb / 2P
PNP DARLINGTON POWER SILICON TRANSISTOR
More results

Similar Description - 2N6052

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com