Electronic Components Datasheet Search
  English  ▼

X  

2N6250 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N6250
Description  HIGH VOLTAGE SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6250 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N6250 Datasheet HTML 1Page - Comset Semiconductor 2N6250 Datasheet HTML 2Page - Comset Semiconductor 2N6250 Datasheet HTML 3Page - Comset Semiconductor 2N6250 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
 
 
NPN 2N6249 – 2N6250 – 2N6251 
20/11/2012
COMSET SEMICONDUCTORS
2 | 4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
IC=200 mA, IB=0
2N6249
200
-
-
V
2N6250
275
-
-
2N6251
350
-
-
VCER(SUS)
Collector-Emitter
Sustaining Voltage
IC=0.2 A, RBE=50 Ω
2N6249
225
-
-
V
2N6250
300
-
-
2N6251
375
-
-
ICEO
Collector-Emitter Current
VCE=150 V, IB=0
2N6249
-
-
5
mA
VCE=225 V, IB=0
2N6250
VCE=300 V, IB=0
2N6251
ICEX
Collector Cutoff Current
VCE=200 V, VEB=-1.5 V
2N6249
-
-
5
mA
VCE=200 V, VEB=-1.5 V
TC = 150°C
-
-
10
VCE=275 V, VEB=-1.5 V
2N6250
-
-
5
VCE=275 V, VEB=-1.5 V
TC = 150°C
-
-
10
VCE=350 V, VEB=-1.5 V
2N6251
-
-
5
VCE=350 V, VEB=-1.5 V
TC = 150°C
-
-
10
IEBO
Emitter Cutoff Current
VBE=6 V, IC=0
2N6249
-
-
1
mA
2N6250
2N6251
hFE
Dc Current Gain
IC=10 A, VCE=3 V
2N6249
10
-
50
-
2N6250
8
-
50
2N6251
6
-
50
VCE(SAT)
Collector-Emitter
Saturation Voltage (*)
IC=10 A, IB=1 A
2N6249
-
-
1.5
V
IC=10 A, IB=1.25 A
2N6250
IC=10 A, IB=1.67 A
2N6251
VBE(SAT)
Base-Emitter Saturation
Voltage (*)
IC=10 A, IB=1 A
2N6249
-
-
2.25
V
IC=10 A, IB=1.25 A
2N6250
IC=10 A, IB=1.67 A
2N6251
Is/b
Second Breakdown
Collector Current With
Base Forward Biased
VCE=30 V
t=1 s, non-repetitive
5.8
-
-
A
fT
Transition Frequency
VCE=10 V, IC=1 A, f = 1.0 MHz
2.5
-
-
MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com