Electronic Components Datasheet Search
  English  ▼

X  

2N6250 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N6250
Description  HIGH VOLTAGE SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6250 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N6250 Datasheet HTML 1Page - Comset Semiconductor 2N6250 Datasheet HTML 2Page - Comset Semiconductor 2N6250 Datasheet HTML 3Page - Comset Semiconductor 2N6250 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
 
 
 
NPN 2N6249 – 2N6250 – 2N6251 
20/11/2012
COMSET SEMICONDUCTORS
3 | 4
SWITCHING TIMES
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
tr
Rise Time
VCC= 200 V, IC= 10 A
IB1 = -IB2=1 A
2N6249
-
-
2
µs
ts
Storage Time
VCC= 200 V, IC= 10 A
IB1 = -IB2=1.25 A
2N6250
-
-
3.5
tf
Fall Time
VCC= 200 V, IC= 10 A
IB1 = -IB2=1.67 A
2N6251
-
-
1
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, Junction to Case
1
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com