Electronic Components Datasheet Search
  English  ▼

X  

2N6253 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N6253
Description  HIGH POWER SILICON NPN TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6253 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N6253 Datasheet HTML 1Page - Comset Semiconductor 2N6253 Datasheet HTML 2Page - Comset Semiconductor 2N6253 Datasheet HTML 3Page - Comset Semiconductor 2N6253 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN 2N6253 – 2N6254 – 2N6371
09/11/2012
COMSET SEMICONDUCTORS
1 | 4
H
HIIG
GH
H P
PO
OW
WE
ER
R S
SIIL
LIIC
CO
ON
N N
NP
PN
N TRANSISTORS
The 2N6253, 2N6254, and 2N6371 are silicon transistors are mounted in TO-3 metal
package.
Tey are intended for a wide variety of high-power applications. The construction of these
devices renders them highly resistant to second breakdown over a wide range of operating
conditions.
These devices differ in maximum ratings for voltage and power dissipation.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO(SUS)
Collector-Emitter Voltage
2N6253
45
V
2N6254
80
2N6371
40
VCBO
Collector-Base Voltage (*)
2N6253
55
V
2N6254
100
2N6371
50
VCER(SUS)
Collector-Emitter Voltage
RBE=100Ω
2N6253
55
V
2N6254
85
2N6371
45
VCEV(SUS)
Collector-Emitter Voltage
VBE=-1.5V
2N6253
55
V
2N6254
90
2N6371
50
VEBO
Emitter-Base Voltage
2N6253
5
V
2N6254
7
2N6371
5
IC
Collector Current
15
A
IB
Base Current
7
A
PTOT
Power Dissipation
< 25°C
2N6253
115
Watts
2N6254
150
2N6371
117
> 25°C
Derate Linearly to 200°C
TJ
Junction Temperature
-65 to +200
°C
TS
Storage Temperature


Similar Part No. - 2N6253

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6253 SEME-LAB-2N6253 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
Central Semiconductor C...
2N6253 CENTRAL-2N6253 Datasheet
51Kb / 1P
POWER TRANSISTORS TO-3 CASE
logo
List of Unclassifed Man...
2N6253 ETC1-2N6253 Datasheet
40Kb / 1P
TO-3 Power Package Transistors (NPN)
logo
Savantic, Inc.
2N6253 SAVANTIC-2N6253 Datasheet
109Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6253 JMNIC-2N6253 Datasheet
106Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N6253

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUW48 STMICROELECTRONICS-BUW48 Datasheet
62Kb / 4P
HIGH POWER NPN SILICON TRANSISTORS
Jul-1997
BUX48 STMICROELECTRONICS-BUX48 Datasheet
89Kb / 7P
HIGH POWER NPN SILICON TRANSISTORS
Jan-2000
logo
Boca Semiconductor Corp...
2N6338 BOCA-2N6338 Datasheet
134Kb / 3P
HIGH-POWER NPN SILICON TRANSISTORS
logo
ON Semiconductor
2N6338 ONSEMI-2N6338 Datasheet
66Kb / 4P
High-Power NPN Silicon Transistors
May, 2001 ??Rev. 10
logo
Comset Semiconductor
2N6253 COMSET-2N6253 Datasheet
207Kb / 4P
HIGH POWER SILICON NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6274 NJSEMI-2N6274 Datasheet
248Kb / 2P
HIGH-POWER NPN SILICON TRANSISTORS
logo
Nell Semiconductor Co.,...
BUX48 NELLSEMI-BUX48 Datasheet
400Kb / 8P
High Power NPN Silicon Transistors
logo
New Jersey Semi-Conduct...
BUW48 NJSEMI-BUW48 Datasheet
104Kb / 3P
HIGH POWER NPN SILICON TRANSISTORS
BUX98 NJSEMI-BUX98 Datasheet
97Kb / 3P
HIGH POWER NPN SILICON TRANSISTORS
logo
M/A-COM Technology Solu...
2N3902 MA-COM-2N3902 Datasheet
501Kb / 4P
NPN High Power Silicon Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com