Electronic Components Datasheet Search
  English  ▼

X  

2N6253 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N6253
Description  HIGH POWER SILICON NPN TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6253 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N6253 Datasheet HTML 1Page - Comset Semiconductor 2N6253 Datasheet HTML 2Page - Comset Semiconductor 2N6253 Datasheet HTML 3Page - Comset Semiconductor 2N6253 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN 2N6253 – 2N6254 – 2N6371
09/11/2012
COMSET SEMICONDUCTORS
2 | 4
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
2N6253
1.5
°C/W
2N6254
1.17
2N6371
1.5
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCE(SAT)
Collector-Emitter Voltage (*)
IC=3 A, IB=0.3 A
2N6253
-
-
1
V
IC=15 A, IB=5 A
-
-
4
IC=5 A, IB=0.5 A
2N6254
-
-
0.5
IC=15 A, IB=3 A
-
-
4
IC=8 A, IB=0.8 A
2N6371
-
-
1.5
IC=16 A, IB=4 A
-
-
4
ICEO
Collector-Emitter Cutoff
Current
VCE=25 V
2N6253
2N6371
-
-
1.5
mA
VCE=60 V
2N6254
-
-
1.0
IEBO
Emitter-Base Cutoff Current
VEB=-5 V
2N6253
2N6371
-
-
10
mA
VEB=-7 V
2N6254
0.5
ICEX
Collector Cutoff Current
VCE=40 V
VBE=-1.5 V
2N6371
-
-
10
mA
VCE=50 V
VBE=-1.5 V
2N6253
-
-
10
VCE=100 V
VBE=1.5 V
2N6254
-
-
5.0
VCE=45 V
VBE=-1.5 V
2N6371
-
-
2.0
VCE=55 V
VBE=-1.5 V
2N6253
-
-
2.0
VCE=100 V
VBE=1.5 V
2N6254
-
-
0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com