Electronic Components Datasheet Search
  English  ▼

X  

AD9779A Datasheet(PDF) 1 Page - Analog Devices

Part # AD9779A
Description  Interfacing the ADL5370 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779A Datasheet(HTML) 1 Page - Analog Devices

  AD9779A Datasheet HTML 1Page - Analog Devices AD9779A Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Circuit Note
CN-0016
Circuit Designs Using Analog Devices Products
Apply these product pairings quickly and with confidence.
For more information and/or support call 1-800-AnalogD
(1-800-262-5643) or visit www.analog.com/circuit.
Devices Connected/Referenced
AD9779A
Dual 16-Bit, 1 GSPS DAC
ADL5370
300 MHz to 1000 MHz I/Q Modulator
Interfacing the ADL5370 I/Q Modulator to the AD9779A
Dual-Channel, 1 GSPS High Speed DAC
Rev. A
“Circuits from the Lab” from Analog Devices have been designed and built by Analog Devices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformance havebeentestedandverifiedinalabenvironment
atroomtemperature.However,youaresolelyresponsible fortestingthe circuit anddetermining its
suitability and applicability for your use and application. Accordingly, in no event shall Analog
Devices be liable for direct, indirect, special, incidental, consequential or punitive damages due to
anycausewhatsoeverconnectedtotheuseofany“CircuitfromtheLab”. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2009 Analog Devices, Inc. All rights reserved.
CIRCUIT FUNCTION AND BENEFITS
This circuit provides a simple, elegant interface between the
ADL5370 I/Q modulator and the AD9779A high speed DAC.
The ADL5370 and the AD9779A are well-matched devices
because they have the same bias levels and similarly high
signal-to-noise ratios (SNR). The matched bias levels of 500 mV
allow for a “glueless” interface—there is no requirement for a
level shifting network that would add noise and insertion loss
along with extra components. The addition of the swing-
limiting resistors (RSLI, RSLQ) allows the DAC swing to be
scaled appropriately without loss of resolution or of the 0.5 V
bias level. The high SNR of each device preserves a high SNR
through the circuit.
CIRCUIT DESCRIPTION
The ADL5370 is designed to interface with minimal
components to members of Analog Devices family of
TxDAC® converters (AD97xx). The baseband inputs of the
ADL5370 require a dc common-mode bias voltage of 500 mV.
With each AD9779A output swinging from 0 mA to 20 mA,
RBIP
50
Ω
RBIN
50
Ω
93
92
19
20
IBBN
IBBP
AD9779A
ADL5370
RBQN
50
Ω
RBQP
50
Ω
84
83
23
24
RSLI
100
Ω
RSLQ
100
Ω
OUT1_N
OUT1_P
OUT2_P
OUT2_N
QBBP
QBBN
Figure 1. Interface Between the AD9779A and ADL5370 with 50 Ω Resistors
to Ground to Establish the 500 mV DC Bias for the ADL5370 Baseband Inputs
(Simplified Schematic)
a single 50 Ω resistor to ground from each of the DAC outputs
provides the desired 500 mV dc bias. With just the four 50 Ω
resistors in place, the voltage swing on each pin is 1 V p-p.
This results in a differential voltage swing of 2 V p-p on each
input pair.
By adding resistors RSLI and RSLQ to the interface, the output
swing of the DAC can be reduced without any loss of DAC
resolution. The resistor is placed as a shunt between each side of
the differential pair, as shown in Figure 1. It has the effect of
reducing the ac swing without changing the dc bias already
established by the 50 Ω resistors and the DAC output current.
The value of this ac swing-limiting resistor is chosen based on
the desired ac voltage swing. Figure 2 shows the relationship
between the swing-limiting resistor and the peak-to-peak ac
swing that it produces when 50 Ω bias-setting resistors are used.
Note that all Analog Devices I/Q modulators present a relatively
high input impedance on their baseband inputs (typically >1 kΩ).
As a result, the input impedance of the I/Q modulator will have
no effect on the scaling of the DAC output signal.
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
10
100
1k
10k
RL (Ω)
Figure 2. Relationship Between the AC Swing-Limiting Resistor and the
Peak-to-Peak Voltage Swing with 50 Ω Bias-Setting Resistors


Similar Part No. - AD9779A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9779A AD-AD9779A Datasheet
1Mb / 56P
Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779A AD-AD9779A Datasheet
129Kb / 2P
Interfacing the ADL5371 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
AD9779A AD-AD9779A Datasheet
129Kb / 2P
Interfacing the ADL5372 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
AD9779A AD-AD9779A Datasheet
134Kb / 3P
Interfacing the ADL5373 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
AD9779A AD-AD9779A Datasheet
134Kb / 3P
Interfacing the ADL5374 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
More results

Similar Description - AD9779A

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
VMF-2E-160SQ MERRIMAC-VMF-2E-160SQ Datasheet
486Kb / 1P
I&Q MODULATOR
VMF-2E-340SQ MERRIMAC-VMF-2E-340SQ Datasheet
485Kb / 1P
I&Q MODULATOR
logo
Analog Devices
CN-0017 AD-CN-0017 Datasheet
129Kb / 2P
Interfacing the ADL5371 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0018 AD-CN-0018 Datasheet
129Kb / 2P
Interfacing the ADL5372 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0019 AD-CN-0019 Datasheet
134Kb / 3P
Interfacing the ADL5373 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0020 AD-CN-0020 Datasheet
134Kb / 3P
Interfacing the ADL5374 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0021 AD-CN-0021 Datasheet
139Kb / 3P
Interfacing the ADL5375 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0205 AD-CN-0205 Datasheet
563Kb / 9P
Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
REV. 0
logo
Mini-Circuits
JCIQ-88M MINI-JCIQ-88M Datasheet
286Kb / 1P
I&Q Modulator
MIQA-100M MINI-MIQA-100M Datasheet
190Kb / 1P
I&Q Modulator
REV. D
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com