Electronic Components Datasheet Search
  English  ▼

X  

AD9779A Datasheet(PDF) 2 Page - Analog Devices

Part # AD9779A
Description  Interfacing the ADL5370 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779A Datasheet(HTML) 2 Page - Analog Devices

  AD9779A Datasheet HTML 1Page - Analog Devices AD9779A Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CN-0016
Circuit Note
Rev. A | Page 2 of 2
It is generally necessary to low-pass filter the DAC outputs to
remove image frequencies when driving a modulator. The
above interface lends itself well to the introduction of such a
filter. The filter can be inserted between the dc bias setting
resistors and the ac swing-limiting resistor. Doing so establishes
the input and output impedances for the filter.
A simulated filter example is shown in Figure 3 with a third-order
elliptical filter with a 3 dB frequency of 3 MHz. Matching input
and output impedances makes the filter design easier, so the
shunt resistor chosen is 100 Ω, producing an ac swing of 1 V p-p
differential for a 0 mA to 20 mA DAC full-scale output current.
In a practical application, the use of standard value components,
along with the input impedance of the I/Q modulator (2900 kΩ
in parallel with a few picofarads of input capacitance), will slightly
change the frequency response of this circuit.
RBIP
50
Ω
RBIN
50
Ω
93
92
19
20
IBBN
IBBP
AD9779A
ADL5370
RBQN
50
Ω
RBQP
50
Ω
84
83
23
24
RSLI
100
Ω
RSLQ
100
Ω
OUT1_N
OUT1_P
OUT2_P
OUT2_N
QBBP
QBBN
LPI
2.7nH
LNI
2.7nH
1.1nF
C1I
1.1nF
C2I
LNQ
2.7nH
LPQ
2.7nH
1.1nF
C1Q
1.1nF
C2Q
Figure 3. DAC Modulator Interface with 3 MHz Third-Order, Low-Pass Filter
(Calculated Component Values)
All the power supply pins of the ADL5370 must be connected to
the same 5 V source. Adjacent pins of the same name can be
tied together and decoupled to a large area ground plane with a
0.1 µF capacitor. These capacitors should be located as close as
possible to the device. The power supply can range between
4.75 V and 5.25 V.
The COM1 pin, COM2 pin, COM3 pin, and COM4 pin should
be tied to the same ground plane through low impedance paths.
The exposed paddle on the underside of the package should
also be soldered to a low thermal and electrical impedance
ground plane. If the ground plane spans multiple layers on the
circuit board, they should be stitched together with nine vias
under the exposed paddle. The AN-772 application note
discusses the thermal and electrical grounding of the
LFCSP_VQ in greater detail.
COMMON VARIATIONS
The interface described here can be used to interface
any TxDAC converter with ground referenced 0 mA to 20 mA
output currents to any I/Q modulator with a 0.5 V input bias
level. For zero-IF applications, the AD9783 dual DAC provides
an LVDS interface, while the CMOS-driven AD9788 dual DAC
can generate a fine resolution complex IF input to the I/Q
modulator. The ADL5370/ADL5371/ADL5372/ADL5373/
ADL5374 family of I/Q modulators provides narrow-band
operation with high output 1 dB compression point and OIP3,
whereas the ADL5375 provides broadband high performance
operation from 400 MHz to 6 GHz. The ADL5385 I/Q modula-
tor uses a 2 × LO and operates from 50 MHz to 2.2 GHz.
LEARN MORE
AN-772 Application Note, A Design and Manufacturing Guide
for the Lead Frame Chip Scale Package (LFCSP). Analog
Devices.
MT-016 Tutorial, Basic DAC Architectures III: Segmented DACs.
Analog Devices.
MT-017 Tutorial, Oversampling Interpolating DACs. Analog
Devices.
MT-031 Tutorial, Grounding Data Converters and Solving the
Mystery of 'AGND' and 'DGND'. Analog Devices.
MT-080 Tutorial, Mixers and Modulators. Analog Devices.
MT-101 Tutorial, Decoupling Techniques. Analog Devices.
Zumbahlen, Hank. 2006. Basic Linear Design. Analog Devices.
ISBN 0915550281. Chapters 4 and 11. Also available as
Linear Circuit Design Handbook. Elsevier-Newnes, 2008,
ISBN 0750687037, Chapters 4 and 11.
Data Sheets
AD9779A Data Sheet.
ADL5370 Data Sheet.
REVISION HISTORY
5/09—Rev. 0 to Rev. A
Updated Format..................................................................Universal
10/08—Revision 0: Initial Version
(Continued from first page) "Circuits from the Lab" are intended only for use with Analog Devices products and are the intellectual property of Analog Devices or its licensors. While you may
use the "Circuits from the Lab" in the design of your product, no other license is granted by implication or otherwise under any patents or other intellectual property by application or use of
the "Circuits from the Lab". Information furnished by Analog Devices is believed to be accurate and reliable. However, "Circuits from the Lab" are supplied "as is" and without warranties of any
kind, express, implied, or statutory including, but not limited to, any implied warranty of merchantability, noninfringement or fitness for a particular purpose and no responsibility is assumed
by Analog Devices for their use, nor for any infringements of patents or other rights of third parties that may result from their use. Analog Devices reserves the right to change any "Circuits
from the Lab" at any time without notice, but is under no obligation to do so. Trademarks and registered trademarks are the property of their respective owners.
©2008–2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
CN08209-0-5/09(A)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com