Electronic Components Datasheet Search
  English  ▼

X  

KA431AD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA431AD
Description  Programmable Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA431AD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA431AD Datasheet HTML 1Page - Fairchild Semiconductor KA431AD Datasheet HTML 2Page - Fairchild Semiconductor KA431AD Datasheet HTML 3Page - Fairchild Semiconductor KA431AD Datasheet HTML 4Page - Fairchild Semiconductor KA431AD Datasheet HTML 5Page - Fairchild Semiconductor KA431AD Datasheet HTML 6Page - Fairchild Semiconductor KA431AD Datasheet HTML 7Page - Fairchild Semiconductor KA431AD Datasheet HTML 8Page - Fairchild Semiconductor KA431AD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.6
Features
• Programmable Output Voltage to 36 Volts
• Low Dynamic Output Impedance 0.20 Typical
• Sink Current Capability of 1.0 to 100mA
• Equivalent Full-Range Temperature Coefficient of
50ppm/
°C Typical
• Temperature Compensated for Operation Over Full Rated
Operating Temperature Range
• Low Output Noise Voltage
• Fast Turn-on Response
Description
The KA431/KA431A/KA431L are three-terminal adjustable
regulator series with a guaranteed thermal stability over
applicable temperature ranges. The output voltage may be
set to any value between VREF (approximately 2.5 volts)
and 36 volts with two external resistors These devices have a
typical dynamic output impedance of 0.2W Active output
circuitry provides a very sharp turn on characteristic,
making these devices excellent replacement for zener diodes
in many applications.
TO-92
8-DIP
8-SOP
1. Ref 2. Anode 3. Cathode
1
1
1
1.Cathode 2.3.6.7.Anode
4.5.NC 8.Ref
1.Cathode 2.3.4.5.7.NC
6.Anode 8.Ref
Internal Block Diagram
2.5 Vref
CATHODE
ANODE
REFERENCE
ANODE(A)
REFERENCE (R)
CATHODE (K)
KA431/KA431A/KA431L
Programmable Shunt Regulator


Similar Part No. - KA431AD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA431AD FAIRCHILD-KA431AD Datasheet
1Mb / 13P
Programmable Shunt Regulator
KA431AD FAIRCHILD-KA431AD Datasheet
153Kb / 12P
Programmable Shunt Regulator
KA431AD FAIRCHILD-KA431AD Datasheet
153Kb / 12P
Programmable Shunt Regulator
KA431ADTF FAIRCHILD-KA431ADTF Datasheet
230Kb / 11P
Programmable Shunt Regulator
logo
ON Semiconductor
KA431ADTF ONSEMI-KA431ADTF Datasheet
340Kb / 11P
Programmable Shunt Regulator
Octeber-2017, Rev. 2
More results

Similar Description - KA431AD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
Programmable Shunt Regulator
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
Programmable Shunt Regulator
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
Programmable Shunt Regulator
KA431 FAIRCHILD-KA431_11 Datasheet
153Kb / 12P
Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
Programmable Shunt Regulator
March 2015 Rev. 6.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com