Electronic Components Datasheet Search
  English  ▼

X  

KA431AD Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # KA431AD
Description  Programmable Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA431AD Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button KA431AD Datasheet HTML 4Page - Fairchild Semiconductor KA431AD Datasheet HTML 5Page - Fairchild Semiconductor KA431AD Datasheet HTML 6Page - Fairchild Semiconductor KA431AD Datasheet HTML 7Page - Fairchild Semiconductor KA431AD Datasheet HTML 8Page - Fairchild Semiconductor KA431AD Datasheet HTML 9Page - Fairchild Semiconductor KA431AD Datasheet HTML 10Page - Fairchild Semiconductor KA431AD Datasheet HTML 11Page - Fairchild Semiconductor KA431AD Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
KA431/KA431A/KA431L
11
Ordering Information
Product Number
Output Voltage Tolerance
Package
Operating Temperature
KA431LZ
0.5%
TO-92
-25 ~ +85
°C
KA431LD
8-SOP
KA431AZ
1%
TO-92
KA431AD
8-SOP
KA431
2%
8-DIP
KA431Z
TO-92
KA431D
8-SOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com