Electronic Components Datasheet Search
  English  ▼

X  

ADF4350 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4350
Description  Powering a Fractional-N Voltage Controlled Oscillator with Low Noise LDO Regulators for Reduced Phase Noise
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350 Datasheet(HTML) 4 Page - Analog Devices

  ADF4350 Datasheet HTML 1Page - Analog Devices ADF4350 Datasheet HTML 2Page - Analog Devices ADF4350 Datasheet HTML 3Page - Analog Devices ADF4350 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CN-0147
Circuit Note
Rev. C | Page 4 of 4
COMMON VARIATIONS
Additional regulators can be added for greater isolation
between power supplies, if desired. Also, one ADP150
regulator can be used to power the entire ADF4350 part.
However, care needs to be taken in this case to ensure the
maximum rated current of the single ADP150 regulator is not
exceeded. This is possible if the lowest output power setting
on the ADF4350 is selected.
CIRCUIT EVALUATION AND TEST
This circuit note, CN-0147, uses the EVAL-ADF4350EB1Z
board for evaluation of the described circuit, allowing for quick
setup and evaluation. The EVAL-ADF4350EB1Z board uses the
standard ADF4350 programming software, contained on the
CD that accompanies the evaluation board.
Equipment Needed
Windows® XP, Windows, Vista (32-bit), or Windows 7 (32-bit)
PC with USB Port, the EVAL-ADF4350EB1Z, the ADF4350
programming software, 5.5 V power supply, and a spectrum
analyzer such as a Rhode and Schwartz FSUP26. See this circuit
note CN-0147 and UG-109 user guide for evaluation board
EVAL-ADF4350EB1Z and the ADF4350 data sheet.
Getting Started
This circuit note, CN-0147, contains a description of the circuit,
the schematic, and a block diagram of the test setup. The ser
guide, UG-109, details the installation and use of the EVAL-
ADF4350 evaluation software. UG-109 also contains board
setup instructions and the board schematic, layout, and bill of
materials.
Functional Block Diagram
This circuit note, CN-0147, contains the function block
diagram of the described test setup in Figure 3.
Setup and Test
After setting up the equipment, standard RF test methods
should be used to measure the spectral purity of the output
signal.
LEARN MORE
CN0147 Design Support Package:
http://www.analog.com/CN0147-DesignSupport
ADIsimPLL Design Tool
ADIsimPower Design Tool
Basso, C., C. Fourtet, and P. Kadanka. “Get the Best from Your
Low-Dropout Regulator.” EDN, 18 Feb. 1999.
Data Sheets and Evaluation Boards
ADF4350 Data Sheet
ADF4350 Evaluation Board
ADP150 Data Sheet
ADP3334 Data Sheet
REVISION HISTORY
6/11—Rev. B to Rev. C
Changes to Circuit Description.......................................................2
11/10—Rev. A to Rev. B
Added Evaluation and Design Support Section............................1
Added Circuit Evaluation and Test Section...................................4
7/10—Rev. 0 to Rev. A
Changes to Figure 1...........................................................................1
Changes to Figure 3...........................................................................2
4/10—Revision 0: Initial Version
(Continued from first page) Circuits from the Lab circuits are intended only for use with Analog Devices products and are the intellectual property of Analog Devices or its licensors. While you may
use the Circuits from the Lab circuits in the design of your product, no other license is granted by implication or otherwise under any patents or other intellectual property by application or use of
the Circuits from the Lab circuits. Information furnished by Analog Devices is believed to be accurate and reliable. However, Circuits from the Lab circuits are supplied "as is" and without warranties
of any kind, express, implied, or statutory including, but not limited to, any implied warranty of merchantability, noninfringement or fitness for a particular purpose and no responsibility is
assumed by Analog Devices for their use, nor for any infringements of patents or other rights of third parties that may result from their use. Analog Devices reserves the right to change any
Circuits from the Lab circuits at any time without notice but is under no obligation to do so.
©2010–2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
CN08876-0-6/11(C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com