Electronic Components Datasheet Search
  English  ▼

X  

ADF4350 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4350
Description  Powering a Fractional-N Voltage Controlled Oscillator with Low Noise LDO Regulators for Reduced Phase Noise
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350 Datasheet(HTML) 1 Page - Analog Devices

  ADF4350 Datasheet HTML 1Page - Analog Devices ADF4350 Datasheet HTML 2Page - Analog Devices ADF4350 Datasheet HTML 3Page - Analog Devices ADF4350 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Circuit Note
CN-0147
Circuits from the Lab™ tested circuit designs address
common design challenges and are engineered for
quick and easy system integration. For more information
and/or support, visit www.analog.com/CN0147.
Devices Connected/Referenced
ADF4350
Fractional-N PLL IC with Integrated VCO
ADP150
Low Noise 3.3 V LDO
Powering a Fractional-N Voltage Controlled Oscillator (VCO) with Low Noise
LDO Regulators for Reduced Phase Noise
Rev. C
Circuitsfromthe Lab™circuitsfromAnalogDeviceshave beendesignedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com/circuits
Fax: 781.461.3113
©2010–2011 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
ADF4350 Evaluation Board (EVAL-ADF4350-EB1Z)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
This circuit uses low noise, low dropout (LDO) linear regulators
to supply power to a wideband integrated PLL and VCO.
Wideband voltage controlled oscillators (VCOs) may have
increased sensitivity to power supply noise, hence, ultralow
noise regulators are recommended for best performance.
The circuit shown in Figure 1 utilizes the ADF4350, a fully
integrated fractional-N PLL and VCO that can generate
frequencies from 137.5 MHz to 4400 MHz. The ADF4350 is
powered from the ultralow noise 3.3 V ADP150 regulator for
optimal LO phase noise performance.
2700pF
1200pF
39nF
680
Ω
360
Ω
ADF4350
VVCO
VVCO
CPGND
AGND
DGND
RFOUTB–
RFOUTB+
CPOUT
1nF
1nF
4.7k
Ω
RSET
LE
DATA
CLK
REFIN
FREFIN
VTUNE
DVDD AVDD CE
MUXOUT
10
28
16
29
1
2
3
22
8
31
9
11
18
21
27
VDD
LOCK
DETECT
51
Ω
AGNDVCO
14
15
19
23
24
25
30
LD
17
20
7
PDBRF
26
SDGND
TEMP VCOM VREF
6
32
SDVDD
VP
5
SW
10pF
0.1µF 10pF
0.1µF 10pF
0.1µF
4
RFOUTA–
RFOUTA+
13
12
VVCO
3.9nH
3.9nH
1nF
1nF
NC = NO CONNECT
ADP150
1
2
3
5
4
COUT
1µF
CIN
1µF
VOUT = 3.3V
VIN = 5.5V
VOUT
NC
VIN
GND
EN
OFF
ON
NC = NO CONNECT
ADP150
1
2
3
5
4
COUT
1µF
CIN
1µF
VOUT = 3.3V
VIN = 5.5V
VOUT
NC
VIN
GND
EN
OFF
ON
Figure 1. ADP150 Regulators Connected to ADF4350 (Simplified Schematic: All Connections and Decoupling Not Shown)


Similar Part No. - ADF4350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4350 AD-ADF4350 Datasheet
803Kb / 28P
Wideband Synthesizer with Integrated VCO
REV. 0
ADF4350 AD-ADF4350 Datasheet
238Kb / 4P
Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
ADF4350 AD-ADF4350 Datasheet
246Kb / 6P
Minimizing Spurious Outputs Using a Synthesizer with an Integrated VCO and an External PLL Circuit
REV. 0
ADF4350 AD-ADF4350 Datasheet
429Kb / 5P
Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
REV. 0
ADF4350 AD-ADF4350 Datasheet
404Kb / 5P
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. B
More results

Similar Description - ADF4350

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
300mA Low-Noise LDO Regulators
logo
Crystek Corporation
CVHD-952 CRYSTEKCRYSTAL-CVHD-952 Datasheet
161Kb / 1P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
CVPD-952 CRYSTEKCRYSTAL-CVPD-952 Datasheet
183Kb / 2P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
logo
Global Mixed-mode Techn...
G924 GMT-G924_15 Datasheet
111Kb / 2P
300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
300mA Low-Noise LDO Regulators
logo
Crystek Corporation
CVHD-952 CRYSTEKCRYSTAL-CVHD-952_17 Datasheet
228Kb / 1P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
CVPD-952 CRYSTEKCRYSTAL-CVPD-952_17 Datasheet
306Kb / 2P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV5032SC NDK-NV5032SC_18 Datasheet
634Kb / 1P
Low Phase Noise Type Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com