Electronic Components Datasheet Search
  English  ▼

X  

AD9122 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9122
Description  Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122 Datasheet(HTML) 7 Page - Analog Devices

  AD9122 Datasheet HTML 1Page - Analog Devices AD9122 Datasheet HTML 2Page - Analog Devices AD9122 Datasheet HTML 3Page - Analog Devices AD9122 Datasheet HTML 4Page - Analog Devices AD9122 Datasheet HTML 5Page - Analog Devices AD9122 Datasheet HTML 6Page - Analog Devices AD9122 Datasheet HTML 7Page - Analog Devices AD9122 Datasheet HTML 8Page - Analog Devices AD9122 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Circuit Note
CN-0205
Rev. 0 | Page 7 of 9
IOUT1
IOUT1
20mA TO 0mA
AD9122
0mA TO 20mA
50Ω
SPECTRUM
ANALYZER
DPG
DATA
PATTERN
GENERATOR
SIGNAL
GENERATOR
FOR FDAC
FDAC
FDATA
ADL5375-05
IOUT2
IOUT2
SIGNAL
GENERATOR
FOR LO
LO
100Ω
100Ω
BB
FILTER
AD9122-M5375-EBZ
POWER SUPPLY
5V
J9
J1
J6
PC
DPG
DOWNLOADER
SOFTWARE
AD9122
SOFTWARE
USB
USB
50Ω
50Ω
50Ω
BB
FILTER
20mA TO 0mA
0mA TO 20mA
Figure 16. Test Setup Functional Block Diagram
Further insight to proper layout can be found by examining the
AD9122-M5375-EBZ layout files in the design support package
www.analog.com/CN0205-DesignSupport.
COMMON VARIATIONS
The interface described in this circuit note can be used between
any TxDAC digital-to-analog converter (AD9779A, AD9788,
AD9125, AD9148) that is set for 20 mA full-scale current and
the ADL5370, ADL5371/ADL5372, ADL5373, ADL5374,
ADL5385, ADL5386, etc., family of I/Q modulators that require
0.5 V baseband dc bias levels.
The interface can also be adapted to the AD8345/AD8349 low
current modulators, with some adjustment to the bias level by
properly selecting the DAC termination resistors.
CIRCUIT EVALUATION AND TEST
The following section describes details of performing the
common-mode test (results shown in Figure 10). The test setup
is flexible and allows other measurements shown in this circuit
note to be performed.
Equipment Needed (Equivalents Can be Substituted)
• DPG : ADI Digital Pattern Generator
• Signal Generator for clock: Agilent E4437B
• Signal generator for LO: Agilent 8665B
• Spectrum analyzer: Agilent E4440A
• Power supply: Agilent E3631A
Setup and Test
1. Connect the setup and measurement system shown in
Figure 16.
2. Set the power supply to +5 V.
3. Set the signal generator for FDAC to 368.64 MHz @ 5 dBm,
and the signal generator for LO to 2140 MHz @ 0 dBm.
4. Turn on the power supply and signal generators. Set the
spectrum analyzer at 2 × FDAC MHz, 1 MHz span.
5. Set up the AD9122 through USB at AD9122/AD9125
SPI control software as shown in Figure 17 and run.
Refer to the AD9122 Evaluation Board Quick Start
Guide in www.analog.com-CN0205-DesignSupport.
•
Interpolation ("1" in Figure 17) : 1×
•
Fine modulation ("2" in Figure 17) : ON
•
Data rate ("3" in Figure 17) : same as FDAC
frequency
•
NCO frequency ("4" in Figure 17) : 173.32 MHz
6. Set up DPG (refer to AD9122 Evaluation Board Quick
Start Guide)
•
Make sure DCO frequency ("1" in Figure 18)
is close to FDAC frequency.
•
Set sample rate ("2" in Figure 18) same as
FDAC frequency and 1 MHz at desired
frequency.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com