Electronic Components Datasheet Search
  English  ▼

X  

AD9122 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9122
Description  Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122 Datasheet(HTML) 2 Page - Analog Devices

  AD9122 Datasheet HTML 1Page - Analog Devices AD9122 Datasheet HTML 2Page - Analog Devices AD9122 Datasheet HTML 3Page - Analog Devices AD9122 Datasheet HTML 4Page - Analog Devices AD9122 Datasheet HTML 5Page - Analog Devices AD9122 Datasheet HTML 6Page - Analog Devices AD9122 Datasheet HTML 7Page - Analog Devices AD9122 Datasheet HTML 8Page - Analog Devices AD9122 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CN-0205
Circuit Note
Rev. 0 | Page 2 of 9
TOP VIEW
AD9122
DAC
ADL5375
MODULATOR
BOTTOM VIEW
FILTER
Figure 2. AD9122-M5375-EBZ Evaluation Board for Circuit Implementation
The DAC’s full-scale output current (IFS) is programmable from
10 mA to 30 mA. The nominal and default value is 20 mA. In
this configuration, the DAC outputs swing from 0 mA to 20 mA
across each of the four ground-referenced 50 Ω resistors (RB =
RBIP = RBIN = RBQP = RBQN). This establishes the 500 mV
dc bias level and a full-scale voltage swing of 2 V p-p differential
on each output pair (with no load). This 2 V p-p voltage swing
can be adjusted by the RL (RL = RSLI = RSLQ) shunt resistors
without affecting the 500 mV bias level. The resulting
differential peak-to-peak swing at the I/Q modulator input
is given by the equation
[
]
[
]
L
B
L
B
FS
SIGNAL
R
R
R
R
I
V
+
×
×
×
×
=
2
2
Note that the relatively high differential input impedance of the
ADL5375 (typically >60 kΩ) can be ignored when calculating
this signal level. Figure 3 shows the relationship between the
peak-to-peak voltage swing and RL when 50 Ω bias-setting
resistors are used.
The ADL5375-05 and AD9122 are well matched in terms of
dynamic range and gain. As a result, there is no need for any
active gain between the devices. The I/Q modulator drive level
can be fine tuned as needed by adjusting the value of RL as
described above. For most applications, a value of 100 Ω for
RL is recommended. This results in a full-scale signal level of
1 V p-p (DAC output at 0 dBFS).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com